Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74901RGWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74901RGWR
Descripción Electrónicos  3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS74901RGWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS74901RGWR Datasheet HTML 1Page - Texas Instruments TPS74901RGWR Datasheet HTML 2Page - Texas Instruments TPS74901RGWR Datasheet HTML 3Page - Texas Instruments TPS74901RGWR Datasheet HTML 4Page - Texas Instruments TPS74901RGWR Datasheet HTML 5Page - Texas Instruments TPS74901RGWR Datasheet HTML 6Page - Texas Instruments TPS74901RGWR Datasheet HTML 7Page - Texas Instruments TPS74901RGWR Datasheet HTML 8Page - Texas Instruments TPS74901RGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS749xx
SBVS082B – JUNE 2007 – REVISED OCTOBER 2007
At TJ = –40°C to +125°C, VEN = 1.1V, VIN = VOUT + 0.3V, CBIAS = 0.1μF, CIN = COUT = 10μF, CNR = 1nF, IOUT = 50mA, and
VBIAS = 5.0V, unless otherwise noted. Typical values are at TJ = +25°C.
TPS74901
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage range
VOUT + VDO
5.5
V
VBIAS Bias pin voltage range
2.7
5.5
V
VREF Internal reference (Adj.)
TJ = +25°C
0.798
0.802
0.806
V
Output voltage range
VIN = 5V, IOUT = 3.0V
VREF
3.6
V
Accuracy
VOUT + 2.2V ≤ VBIAS ≤ 5.5V,
–2
±0.5
2
%
VOUT (RGW package)
(1)
50mA
≤ IOUT ≤ 3.0A
Accuracy
VOUT + 2.4V ≤ VBIAS ≤ 5.5V,
–2
±0.5
2
%
(KTW package)(1)
50mA
≤ IOUT ≤ 3.0A
VOUT/VIN Line regulation
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5V
0.03
%/V
VOUT/IOUT Load regulation
50mA
≤ IOUT ≤ 3.0A
0.09
%/A
IOUT = 3.0A,
VIN dropout voltage
(2)
120
280
mV
VBIAS – VOUT (NOM) ≥ 3.25V
(3)
VDO
VBIAS dropout voltage
(2)
IOUT = 3.0A, VIN = VBIAS
1.31
1.75
V
VOUT = 80% × VOUT (NOM), RGW
3.9
4.6
5.5
Package
ICL Current limit
A
VOUT = 80% × VOUT (NOM), KTW
3.8
4.6
5.5
Package
IBIAS Bias pin current
1
2
mA
Shutdown supply current
ISHDN
VEN ≤ 0.4V
1
50
μA
(IGND)
IFB Feedback pin current
–1
0.150
1
μA
1kHz, IOUT = 1.5A,
60
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VIN to VOUT)
300kHz, IOUT = 1.5A,
30
VIN = 1.8V, VOUT = 1.5V
PSRR
1kHz, IOUT = 1.5A,
50
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VBIAS to VOUT)
300kHz, IOUT = 1.5A,
30
VIN = 1.8V, VOUT = 1.5V
100Hz to 100kHz,
Noise Output noise voltage
25
× V
OUT
μVRMS
IOUT = 3.0A, CSS = 0.001μF
tSTR Minimum startup time
RLOAD for IOUT = 1.0A, CSS = open
200
μs
ISS Soft-start charging current
VSS = 0.4V
440
nA
VEN, HI Enable input high level
1.1
5.5
V
VEN, LO Enable input low level
0
0.4
V
VEN, HYS Enable pin hysteresis
50
mV
VEN, DG Enable pin deglitch time
20
μs
IEN Enable pin current
VEN = 5V
0.1
1
μA
VIT PG trip threshold
VOUT decreasing
85
90
94
%VOUT
VHYS PG trip hysteresis
3
%VOUT
VPG, LO PG output low voltage
IPG = 1mA (sinking), VOUT < VIT
0.3
V
IPG, LKG PG leakage current
VPG = 5.25V, VOUT > VIT
0.1
1
μA
Operating junction
TJ
–40
+125
°C
temperature
Shutdown, temperature increasing
+165
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
+140
(1)
Adjustable devices tested at 0.8V; resistor tolerance is not taken into account.
(2)
Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% below nominal.
(3)
3.25V is a test condition of this device and can be adjusted by referring to Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS749xx


Número de pieza similar - TPS74901RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74901RGWR TI-TPS74901RGWR Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWR TI1-TPS74901RGWR Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWR TI1-TPS74901RGWR Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74901RGWR TI-TPS74901RGWR Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901RGWRG4 TI-TPS74901RGWRG4 Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Descripción similar - TPS74901RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com