Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28C512PI-15T Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT28C512PI-15T
Descripción Electrónicos  512K-Bit CMOS PARALLEL EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C512PI-15T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28C512PI-15T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C512PI-15T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT28C512/513
5
Doc. No. 1007, Rev . A
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Input rise and fall times (10% and 90%) < 10 ns.
(3)
A write pulse of less than 20ns duration will not initiate a write cycle.
(4)
A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.
5096 FHD F04
Figure 1. A.C. Testing Input/Output Waveform(2)
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
Figure 2. A.C. Testing Load Circuit (example)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
5096 FHD F03
A.C. CHARACTERISTICS, Write Cycle
VCC=5V+10%, unless otherwise specified
28C512/513-12 28C512/513-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWC
Write Cycle Time
5
5
ms
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
50
50
ns
tCS
CE Setup Time
0
0
ns
tCH
CE Hold Time
0
0
ns
tCW(3)
CE Pulse Time
100
100
ns
tOES
OE Setup Time
0
0
ns
tOEH
OE Hold Time
0
0
ns
tWP(3)
WE Pulse Width
100
100
ns
tDS
Data Setup Time
50
50
ns
tDH
Data Hold Time
0
0
ns
tINIT(1)
Write Inhibit Period After Power-up
5
10
5
10
ms
tBLC(1)(4) Byte Load Cycle Time
0.1
100
0.1
100
µs


Número de pieza similar - CAT28C512PI-15T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C512PI-15T CATALYST-CAT28C512PI-15T Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C512PI-15T CATALYST-CAT28C512PI-15T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
More results

Descripción similar - CAT28C512PI-15T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28C512 ONSEMI-CAT28C512 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com