Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74F283DG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
SN74F283DG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page SN54F283, SN74F283 4BIT BINARY FULL ADDERS WITH FAST CARRY SDFS069A − D2932, MARCH 1987 − REVISED OCTOBER 1993 2−4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 recommended operating conditions SN54F283 SN74F283 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IIK Input clamp current −18 −18 mA IOH High-level output current −1 −1 mA IOL Low-level output current 20 20 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54F283 SN74F283 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = − 18 mA − 1.2 − 1.2 V VOH VCC = 4.5 V IOH = − 1 mA 2.5 3.4 2.5 3.4 V VOH VCC = 4.75 V, IOH = − 1 mA 2.7 V VOL VCC = 4.5 V IOL = 20 mA 0.3 0.5 0.3 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL Any A or B VCC = 5.5 V, VI = 0.5 V − 1.2 − 1.2 mA IIL C0 VCC = 5.5 V, VI = 0.5 V − 0.6 − 0.6 mA IOS‡ VCC = 5.5 V, VO = 0 −60 −150 −60 −150 mA ICC VCC = 5.5 V, VI = 4.5 V 36 55 36 55 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. switching characteristics (see Note 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, CL = 50 pF, RL = 500 Ω, TA = 25°C VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX§ UNIT (INPUT) (OUTPUT) ′F283 SN54F283 SN74F283 MIN TYP MAX MIN MAX MIN MAX tPLH C0 Σ 2.7 6.6 9.5 2.7 14 2.7 10.5 ns tPHL C0 Σ 3.2 6.6 9.5 3.2 14 3.2 10.5 ns tPLH A or B Σ 3.2 6.6 9.5 3.2 14 3.2 10.5 ns tPHL A or B Σ 2.7 6.6 9.5 2.7 14 2.7 10.5 ns tPLH C0 C4 2.7 5.3 7.5 2.7 10.5 2.7 8.5 ns tPHL C0 C4 2.2 5 7 2.2 10 2.2 8 ns tPLH A or B C4 2.7 5.3 7.5 2.7 10.5 2.7 8.5 ns tPHL A or B C4 2.2 4.9 7 2.2 10 2.2 8 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. NOTE 2: Load circuits and waveforms are shown in Section 1. |
Número de pieza similar - SN74F283DG4 |
|
Descripción similar - SN74F283DG4 |