Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73201DRBTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73201DRBTG4
Descripción Electrónicos  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DRBTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73201DRBTG4 Datasheet HTML 2Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 3Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 4Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 5Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 6Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 9Page - Texas Instruments TPS73201DRBTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
0
50
100
150
200
250
IOUT (mA)
Referred to IOUT = 10mA
−40_C
+125
_C
+25
_C
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN − VOUT (V)
+125
_C
+25
_C
−40_C
Referred to V
IN = VOUT + 0.5V at IOUT = 10mA
100
80
60
40
20
0
0
50
100
150
200
250
IOUT (mA)
+125
_C
+25
_C
−40_C
TPS73225DBV
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS73225DBV
I
OUT = 250mA
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/_ C)
I
OUT = 10mA
All Voltage Versions
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY HISTOGRAM
OUTPUT VOLTAGE DRIFT HISTOGRAM
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS732xx


Número de pieza similar - TPS73201DRBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73201DRBTG4 TI-TPS73201DRBTG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DRBTG4 TI1-TPS73201DRBTG4 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
More results

Descripción similar - TPS73201DRBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com