Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHCT16240DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHCT16240DL
Descripción Electrónicos  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT16240DL Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT16240DL Datasheet HTML 1Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 2Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 3Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 4Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 5Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 6Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 7Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 8Page - Texas Instruments SN74AHCT16240DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54AHCT16240, SN74AHCT16240
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS333I – MARCH 1996 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D EPIC ™ (Enhanced-Performance Implanted
CMOS) Process
D Inputs Are TTL-Voltage Compatible
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015
D Package Options Include Plastic Shrink
Small-Outline (DL), Thin Shrink
Small-Outline (DGG), and Thin Very
Small-Outline (DGV) Packages and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
Using 25-mil Center-to-Center Spacings
description
The ’AHCT16240 devices are 16-bit buffers and
line drivers designed specifically to improve the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters.
These devices can be used as four 4-bit buffers,
two 8-bit buffers, or one 16-bit buffer. They provide
inverting outputs and symmetrical active-low
output-enable (OE) inputs.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54AHCT16240 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74AHCT16240 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 4-bit buffer/driver)
INPUTS
OUTPUT
OE
A
Y
L
H
L
L
LH
H
X
Z
Copyright
© 2000, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
SN54AHCT16240 . . . WD PACKAGE
SN74AHCT16240 . . . DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE


Número de pieza similar - SN74AHCT16240DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT16240DL TI-SN74AHCT16240DL Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AHCT16240DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com