Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHC240DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHC240DWR
Descripción Electrónicos  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC240DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC240DWR Datasheet HTML 1Page - Texas Instruments SN74AHC240DWR Datasheet HTML 2Page - Texas Instruments SN74AHC240DWR Datasheet HTML 3Page - Texas Instruments SN74AHC240DWR Datasheet HTML 4Page - Texas Instruments SN74AHC240DWR Datasheet HTML 5Page - Texas Instruments SN74AHC240DWR Datasheet HTML 6Page - Texas Instruments SN74AHC240DWR Datasheet HTML 7Page - Texas Instruments SN74AHC240DWR Datasheet HTML 8Page - Texas Instruments SN74AHC240DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54AHC240, SN74AHC240
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS251H – OCTOBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA
Per JESD 17
description/ordering information
These
octal
buffers/drivers
are
designed
specifically to improve the performance and
density of 3-state memory-address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters.
The ’AHC240 devices are organized as two 4-bit
buffers/line drivers with separate output-enable
(OE) inputs. When OE is low, the device passes
data from the A inputs to the Y outputs. When OE
is high, the outputs are in the high-impedance
state.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHC240N
SN74AHC240N
SOIC – DW
Tube
SN74AHC240DW
AHC240
SOIC – DW
Tape and reel
SN74AHC240DWR
AHC240
–40
°Cto85°C
SOP – NS
Tape and reel
SN74AHC240NSR
AHC240
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHC240DBR
HA240
TSSOP
PW
Tube
SN74AHC240PW
HA240
TSSOP – PW
Tape and reel
SN74AHC240PWR
HA240
TVSOP – DGV
Tape and reel
SN74AHC240DGVR
HA240
CDIP – J
Tube
SNJ54AHC240J
SNJ54AHC240J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC240W
SNJ54AHC240W
LCCC – FK
Tube
SNJ54AHC240FK
SNJ54AHC240FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54AHC240 ...J OR W PACKAGE
SN74AHC240 . . . DB, DGV, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54AHC240 . . . FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Número de pieza similar - SN74AHC240DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC240DWR TI-SN74AHC240DWR Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240DWR TI-SN74AHC240DWR Datasheet
394Kb / 16P
[Old version datasheet]   OCTAL BUFFERS.DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240DWR TI-SN74AHC240DWR Datasheet
716Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240DWRE4 TI-SN74AHC240DWRE4 Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240DWRE4 TI-SN74AHC240DWRE4 Datasheet
716Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AHC240DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com