Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HIR12-21C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

No. de pieza HIR12-21C
Descripción Electrónicos  Chip Infrared LED With Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR12-21C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button HIR12-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd HIR12-21C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 6 of 10
Device No:DTH-012-023
Prepared date:07-20-2005
Prepared by:Jaine Tsai
HIR12-21C/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Número de pieza similar - HIR12-21C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8_15 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C/L11/TR8 EVERLIGHT-HIR11-21C/L11/TR8 Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
More results

Descripción similar - HIR12-21C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
SIR12-21C-TR8 EVERLIGHT-SIR12-21C-TR8 Datasheet
213Kb / 9P
   Chip Infrared LED With Right Angle Lens
EAISV3024A1 EVERLIGHT-EAISV3024A1 Datasheet
614Kb / 9P
   Chip Infrared LED With Right Angle Lens
SIR12-21C EVERLIGHT-SIR12-21C Datasheet
208Kb / 10P
   Chip Infrared LED With Right Angle Lens
EAISS3010A1 EVERLIGHT-EAISS3010A1 Datasheet
606Kb / 9P
   Chip Infrared LED with Right Angle Lens
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8 Datasheet
202Kb / 10P
   Chip Infrared LED With Right Angle Lens
EAISS3010A2 EVERLIGHT-EAISS3010A2 Datasheet
277Kb / 9P
   Chip Infrared LED With Right Angle Lens
SIR12-21C-TR8 EVERLIGHT-SIR12-21C-TR8 Datasheet
186Kb / 9P
   Chip Infrared LED With Right Angle Lens
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8_15 Datasheet
220Kb / 9P
   Chip Infrared LED With Right Angle Lens
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com