Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ELD-306SYGWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

No. de pieza ELD-306SYGWA
Descripción Electrónicos  0.3 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-306SYGWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELD-306SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-306SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-306SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-306SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-306SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-306SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Dual Digit Displays
ELD-306SYGWA/S530-E2
█ Packing Quantity Specification
1. 32PCS/tube, 56 tubes/box
2. 4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number :CDDD-306-066
Prepared date:2005/7/13
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
D306SYGWA/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Número de pieza similar - ELD-306SYGWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELD-306SURWA EVERLIGHT-ELD-306SURWA Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3 Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
   0.3" Dual Digit Displays
ELD-306SURWA/S530-A3 EVERLIGHT-ELD-306SURWA/S530-A3 Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
More results

Descripción similar - ELD-306SYGWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306USOWA EVERLIGHT-ELD-306USOWA Datasheet
125Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306SURWA EVERLIGHT-ELD-306SURWA Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SURWA EVERLIGHT-ELD-305SURWA Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
   0.3" Dual Digit Displays
logo
Micro Electronics
MR231A MICRO-ELECTRONICS-MR231A Datasheet
61Kb / 2P
   0.3 DUAL DIGIT NUMBERIC DISPLAYS
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com