Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8197A Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8197A
Descripción Electrónicos  4:1 HDMI/DVI Switch with Equalization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8197A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8197A_07 Datasheet HTML 7Page - Analog Devices AD8197A_07 Datasheet HTML 8Page - Analog Devices AD8197A_07 Datasheet HTML 9Page - Analog Devices AD8197A_07 Datasheet HTML 10Page - Analog Devices AD8197A_07 Datasheet HTML 11Page - Analog Devices AD8197A_07 Datasheet HTML 12Page - Analog Devices AD8197A_07 Datasheet HTML 13Page - Analog Devices AD8197A_07 Datasheet HTML 14Page - Analog Devices AD8197A_07 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8197A
Rev. 0 | Page 11 of 28
PERFORMANCE GRAPHS
0.5
0.6
0
025
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
5
101520
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
1.65Gbps
EQ = 12dB
2.25Gbps
EQ = 12dB
2.25Gbps
EQ = 6dB
1.65Gbps
EQ = 6dB
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
50
0
02.4
DATA RATE (Gbps)
45
40
35
30
25
20
15
10
5
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
1080p
12-BIT
1.65Gbps
1080p
8-BIT
1080i/720p
480i
480p
DJ (p-p)
RJ (rms)
Figure 15. Jitter vs. Data Rate
50
0
3.0
3.6
SUPPLY VOLTAGE (V)
45
40
35
30
25
20
15
10
5
3.1
3.2
3.3
3.4
3.5
RJ (rms)
DJ (p-p)
Figure 16. Jitter vs. Supply Voltage
0.5
0.6
0
020
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
510
15
1.65Gbps, PE MAX
2.25Gbps, PE MAX
1.65Gbps, PE OFF
2.25Gbps, PE OFF
1200
0
0
DATA RATE (Gbps)
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
1000
800
600
400
200
2.4
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
Figure 18. Eye Height vs. Data Rate
800
0
2.5
3.6
SUPPLY VOLTAGE (V)
700
600
500
400
300
200
100
2.62.7
2.82.93.03.13.2
3.33.43.5
Figure 19. Eye Height vs. Supply Voltage


Número de pieza similar - AD8197A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8197ASTZ AD-AD8197ASTZ Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197ASTZ-RL AD-AD8197ASTZ-RL Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Descripción similar - AD8197A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com