Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SI6983DQ Datasheet(PDF) 3 Page - Vishay Siliconix

No. de Pieza. SI6983DQ
Descripción  Dual P-Channel 20-V (D-S) MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SI6983DQ Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 72367
S-60774-Rev. C, 08-May-06
www.vishay.com
3
Vishay Siliconix
Si6983DQ
New Product
TYPICAL CHARACTERISTICS 25 °C unless noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 1.8 V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
VDS = 10 V
ID = 5.4 A
Qg - Total Gate Charge (nC)
0.0
0.3
0.6
0.9
1.2
1.5
100
10
0.1
VSD - Source-to-Drain Voltage (V)
1
TJ = 25 °C
TJ = 150 °C
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
500
1000
1500
2000
2500
3000
3500
0
4
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.60
0.80
1.00
1.20
1.40
1.60
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 5.4 A
TJ - Junction Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
123
4567
8
ID = 5.4 A
VGS - Gate-to-Source Voltage (V)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn