Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ELS-316SYGWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

No. de pieza ELS-316SYGWA
Descripción Electrónicos  0.36 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-316SYGWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELS-316SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-316SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-316SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-316SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-316SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-316SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.36" Single Digit Displays
ELS-316SYGWA/S530-E2
█ Features :
● Industrial standard size.
● Low power consumption.
● Categorized for luminous intensity.
● Pb free
● The product itself will remain within RoHS
compliant version
█ Descriptions :
● The ELS-316 series is a large 9.14 mm
(0.36")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
● Audio equipment
● Instrument panels
● Digital read out display
Material
AlGaInP
CG0604313   61107963
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 1 of 6
Prepared date:2006/5/18
Prepared by: YanLi Zhong
Device Number : CDDS-316-035
ELS-316SYGWA/S530-E2
PART NO.
Emitted Color
Super Yellow Green
Chip


Número de pieza similar - ELS-316SYGWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELS-316SURWA EVERLIGHT-ELS-316SURWA Datasheet
122Kb / 7P
   0.36 Single Digit Displays
ELS-316SURWA/S530-A3 EVERLIGHT-ELS-316SURWA/S530-A3 Datasheet
122Kb / 7P
   0.36 Single Digit Displays
More results

Descripción similar - ELS-316SYGWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
   0.36" Single Digit Displays
ELS-316USOWA EVERLIGHT-ELS-316USOWA Datasheet
113Kb / 6P
   0.36 Single Digit Displays
ELS-315SURWA EVERLIGHT-ELS-315SURWA Datasheet
120Kb / 7P
   0.36 Single Digit Displays
ELS-316SURWA EVERLIGHT-ELS-316SURWA Datasheet
122Kb / 7P
   0.36 Single Digit Displays
ELS-315SYGWA EVERLIGHT-ELS-315SYGWA Datasheet
109Kb / 6P
   0.36 Single Digit Displays
ELS-315SYGWA-S530-E2 EVERLIGHT-ELS-315SYGWA-S530-E2 Datasheet
115Kb / 6P
   0.36" Single Digit Displays
logo
Micro Electronics
MG136A-3 MICRO-ELECTRONICS-MG136A-3 Datasheet
56Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU336A MICRO-ELECTRONICS-MU336A Datasheet
71Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU136A-NP MICRO-ELECTRONICS-MU136A-NP Datasheet
59Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com