Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N29STB-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd |
|
4N29STB-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd |
1 / 13 page 6 PIN PHOTODARLINGTON PHOTOCOUPLER Everlight Electronics Co., Ltd. 1 http://www.everlight.com Document No:PDS-ELSD-113 Rev. 0 April, 2 2008 TIL113 4NXX Series H11BX Series Features: • 4NXX series: 4N29, 4N30, 4N31, 4N32, 4N33 • H11BX series: H11B1, H11B2, H11B3, H11B255 • High isolation voltage between input and output (Viso=5000 V rms ) • Creepage distance >7.62 mm • Meets or exceeds all JEDEC registered specifications • Pb free and RoHS compliant. • UL approved (No. E214129) • VDE approval (pending) • SEMKO approval (pending) • NEMKO approval (pending) • DEMKO approval (pending) • FIMKO approval (pending) • CSA approval (pending) Description The TIL113, 4NXX and H11BX series of devices each consist of an infrared emitting diode optically coupled to a photo darlington detector. They are packaged in a 6-pin DIP package and available in wide-lead spacing and SMD option. Schematic Applications Low power logic circuits 1 Telecommunications equipment Portable electronics Interfacing coupling systems of different potentials and impedances Pin Configuration 1. Anode 2. Cathode 3. No Connection 4. Emitter 5. Collector 6. Base 2 6 5 3 4 |
Número de pieza similar - 4N29STB-V |
|
Descripción similar - 4N29STB-V |