Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-33-C-NI Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-33-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-33-C-NI Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-33-C-NI Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 49Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
45
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
The user could use the possible addresses above to select
slave 3 only. Another combination could be to select slave 2
and 3 only as shown below.
More than one slave may have the same SADDR address
as well, and a given address could be used to modify the
address so that it is unique.
6.1.2.2 Using the Broadcast Address to Select Slaves
Using the broadcast address, the master can communicate
with all the slaves at once. It is formed by performing a logi-
cal OR of SADDR and SADEN with 0s in the result treated
as “don’t cares”.
“Don’t cares” allow for a wider range in defining the broad-
cast address, but in most cases, the broadcast address will
be FFH.
On reset, SADDR and SADEN are “0”. This produces an
given address of all “don’t cares” as well as a broadcast
address of all “don’t cares.” This effectively disables Auto-
matic Addressing mode and allows the microcontroller to
function as a standard 8051, which does not make use of
this feature.
6.2 Serial Peripheral Interface
6.2.1 SPI Features
Master or slave operation
10 MHz bit frequency (max)
LSB first or MSB first data transfer
Four programmable bit rates
End of transmission (SPIF)
Write collision flag protection (WCOL)
Wake up from idle mode (slave mode only)
6.2.2 SPI Description
The serial peripheral interface (SPI) allows high-speed syn-
chronous data transfer between the SST89E/V564RD /
SST89E/V554RC and peripheral devices or between sev-
eral SST89E/V564RD / SST89E/V554RC devices.
Figure 6-4 shows the correspondence between master
and slave SPI devices. The SCK pin is the clock output and
input for the master and slave modes, respectively. The SPI
clock generator will start following a write to the master
devices SPI data register. The written data is then shifted
out of the MOSI pin on the master device into the MOSI pin
of the slave device. Following a complete transmission of
one byte of data, the SPI clock generator is stopped and
the SPIF flag is set. An SPI interrupt request will be gener-
ated if the SPI Interrupt Enable bit (SPIE) and the Serial
Port Interrupt Enable bit (ES) are both set.
An external master drives the Slave Select input pin, SS#/
P1[4], low to select the SPI module as a slave. If SS#/P1[4]
has not been driven low, then the slave SPI unit is not
active and the MOSI/P1[5] port can also be used as an
input port pin.
CPHA and CPOL control the phase and polarity of the SPI
clock. Figures 6-5 and 6-6 show the four possible combina-
tions of these two bits.
FIGURE
6-4: SPI MASTER-SLAVE INTERCONNECTION
Select Slave 3 Only
Slave 2
Given Address
Possible Addresses
1111 X0X1
1111 1011
1111 1001
Select Slaves 2 & 3 Only
Slaves 2 & 3
Possible Addresses
1111 0011
Slave 1
1111 0001 =
SADDR
+1111 1010 =
SADEN
1111 1X11 =
Broadcast
1207 F15.1
8-bit Shift Register
MSB Master LSB
SPI
Clock Generator
MISO MISO
MOSI MOSI
SCK
SCK
SS#
SS#
8-bit Shift Register
MSB Slave LSB
VSS
VDD


Número de pieza similar - SST89E554RC-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PI SST-SST89E554RC-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PJ SST-SST89E554RC-25-C-PJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-TQI SST-SST89E554RC-25-C-TQI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com