Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-33-C-NI Datasheet(PDF) 83 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-33-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-33-C-NI Datasheet(HTML) 83 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-33-C-NI Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 81Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 82Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 83Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 84Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 85Page - Silicon Storage Technology, Inc SST89E554RC-33-C-NI Datasheet HTML 86Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
83
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
14.0 PRODUCT ORDERING INFORMATION
14.1 Valid Combinations
Valid combinations for SST89E564RD
SST89E564RD-40-C-PI
SST89E564RD-40-C-NJ
SST89E564RD-40-C-TQJ
SST89E564RD-40-I-PI
SST89E564RD-40-I-NJ
SST89E564RD-40-I-TQJ
Valid combinations for SST89V564RD
SST89V564RD-33-C-PI
SST89V564RD-33-C-NJ
SST89V564RD-33-C-TQJ
SST89V564RD-33-I-PI
SST89V564RD-33-I-NJ
SST89V564RD-33-I-TQJ
Valid combinations for SST89E554RC
SST89E554RC-40-C-PI
SST89E554RC-40-C-NJ
SST89E554RC-40-C-TQJ
SST89E554RC-40-I-PI
SST89E554RC-40-I-NJ
SST89E554RC-40-I-TQJ
Valid combinations for SST89V554RC
SST89V554RC-33-C-PI
SST89V554RC-33-C-NJ
SST89V554RC-33-C-TQJ
SST89V554RC-33-I-PI
SST89V554RC-33-I-NJ
SST89V554RC-33-I-TQJ
Note:
Valid combinations are those products in mass production or will be in mass production.
Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST89 x5x4xx
-XX
-X
-X X
Package Modifier
I = 40 pins
J = 44 pins
Package Type
P = PDIP
N = PLCC
TQ = TQFP
Operation Temperature
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Operating Frequency
33 = 0-33MHz
40 = 0-40MHz
Feature Set and Flash Memory Size
564RD = C52 feature set + 64(72) KByte
554RC = C52 feature set + 32(40) KByte
Note: Number in parenthesis includes 8K additional
flash which can be enabled.
Voltage Range
E = 4.5-5.5V
V = 2.7-3.6V
Product Series
89 = C51 Core


Número de pieza similar - SST89E554RC-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PI SST-SST89E554RC-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PJ SST-SST89E554RC-25-C-PJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-TQI SST-SST89E554RC-25-C-TQI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com