Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-NI Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-NI Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-NI Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
19
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
TABLE
3-11: INTERFACE SFRS
Symbol Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
RESET
Value
MSB
LSB
SBUF
Serial Data Buffer
99H
SBUF[7:0]
Indeterminate
SCON1
Serial Port Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SADDR Slave Address
A9H
SADDR[7:0]
00H
SADEN Slave Address
Mask
B9H
SADEN[7:0]
00H
SPCR
SPI Control
Register
D5H
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04H
SPSR
SPI Status
Register
AAH
SPIF
WCOL
00H
SPDR
SPI Data Register
86H
SPDR[7:0]
00H
P01
Port 0
80H
P0[7:0]
FFH
P11
Port 1
90H
-
-
-
-
-
-
T2EX
T2
FFH
P21
Port 2
A0H
P2[7:0]
FFH
P31
Port 3
B0H
RD#
WR#
T1
T0
INT1#
INT0#
TXD
RXD
FFH
T3-11.1 1207
1. Bit Addressable SFRs
TABLE
3-12: PCA SFRS
Symbol
Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
RESET
Value
MSB
LSB
CH
CL
PCA Timer/Counter
F9H
E9H
CH[7:0]
CL[7:0]
00H
00H
CCON1
1. Bit Addressable SFRs
PCA Timer/Counter
Control Register
D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
00x00000b
CMOD
PCA Timer/Counter
Mode Register
D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
00xxx000b
CCAP0H PCA Module 0
Compare/Capture
Registers
FAH
CCAP0H[7:0]
00H
CCAP0L
EAH
CCAP0L[7:0]
00H
CCAP1H PCA Module 1
Compare/Capture
Registers
FBH
CCAP1H[7:0]
00H
CCAP1L
EBH
CCAP1L[7:0]
00H
CCAP2H PCA Module 2
Compare/Capture
Registers
FCH
CCAP2H[7:0]
00H
CCAP2L
ECH
CCAP2L[7:0]
00H
CCAP3H PCA Module 3
Compare/Capture
Registers
FDH
CCAP3H[7:0]
00H
CCAP3L
EDH
CCAP3L[7:0]
00H
CCAP4H PCA Module 4
Compare/Capture
Registers
FEH
CCAP4H[7:0]
00H
CCAP4L
EEH
CCAP4L[7:0]
00H
CCAPM0 PCA
Compare/Capture
Module Mode
Registers
DAH
-
ECOM0 CAPP0 CAPN0
MAT0
TOG0
PWM0 ECCF0
x0000000b
CCAPM1
DBH
-
ECOM1 CAPP1 CAPN1
MAT1
TOG1
PWM1 ECCF1
x0000000b
CCAPM2
DCH
-
ECOM2 CAPP2 CAPN2
MAT2
TOG2
PWM2 ECCF2
x0000000b
CCAPM3
DDH
-
ECOM3 CAPP3 CAPN3
MAT3
TOG3
PWM3 ECCF3
x0000000b
CCAPM4
DEH
-
ECOM4 CAPP4 CAPN4
MAT4
TOG4
PWM4 ECCF4
x0000000b
T3-12.1 1207


Número de pieza similar - SST89E554RC-40-I-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-NI SST-SST89E554RC-40-I-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-40-I-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com