Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7905BD2TR4G Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC7905BD2TR4G
Descripción Electrónicos  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7905BD2TR4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC7905BD2TR4G Datasheet HTML 4Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 5Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 6Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 7Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 8Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 9Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 10Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 11Page - ON Semiconductor MC7905BD2TR4G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC7900 Series
http://onsemi.com
8
Figure 2. Worst Case Power Dissipation as a
Function of Ambient Temperature
Figure 3. Peak Output Current as a Function
of Input−Output Differential Voltage
Figure 4. Ripple Rejection as a
Function of Frequency
Figure 5. Ripple Rejection as a Function
of Output Voltage
Figure 6. Output Voltage as a Function
of Junction Temperature
Figure 7. Quiescent Current as a
Function of Temperature
Infinite Heatsink
qHS = 5°C/W
qHS = 15°C/W
No Heatsink
qJC = 5° C/W
qJA = 65° C/W
PD(max) = 15W
Vin = −11 V
VO = −6.0 V
IO = 20 mA
f = 120 Hz
IO = 20 mA
DVin = 1.0 V(RMS)
Vin = −11 V
VD = −6.0 V
IO = 20 mA
Vin = −11 V
VO = −6.0 V
IO = 20 mA
TJ = +25°C
20
10
5.0
4.0
3.0
2.0
1.0
0.5
0.4
0.3
0.2
0.1
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
80
70
60
50
40
6.26
6.22
6.18
6.14
6.10
6.06
5.2
5.0
4.8
4.6
4.4
4.2
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
0
3.0
6.0
9.0
12
15
18
21
24
27
30
|VI −VO| INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
10
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
2.0
4.0
6.0
8.0
10
12
14
16
18
20
22
VO, OUTPUT VOLTAGE (V)
−25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
0


Número de pieza similar - MC7905BD2TR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7905BD2TR4G ONSEMI-MC7905BD2TR4G Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905BD2TR4G ONSEMI-MC7905BD2TR4G Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
More results

Descripción similar - MC7905BD2TR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_13 Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com