Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-33-I-NJ Datasheet(PDF) 69 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-33-I-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-33-I-NJ Datasheet(HTML) 69 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-33-I-NJ Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 67Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 68Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 69Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 70Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 71Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 72Page - Silicon Storage Technology, Inc SST89E554RC-33-I-NJ Datasheet HTML 73Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
69
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
IDD
Power Supply Current
IAP Mode
@ 12 MHz
40
mA
@ 33 MHz
47
mA
Active Mode
@ 12 MHz
11.5
mA
@ 33 MHz
30
mA
Idle Mode
@ 12 MHz
8.5
mA
@ 33 MHz
21
mA
Power-down Mode (min. VDD = 2V)
Ta = 0°C to +70°C
45
µA
Ta = -40°C to +85°C
55
µA
T13-7.6 1207
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:
26mA
Maximum IOL total for all outputs: 71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the
listed test conditions.
2. Capacitive loading on Ports 0 & 2 may cause spurious noise to be superimposed on the VOLs of ALE and Ports 1 & 3. The noise due
to external bus capacitance discharging into the Port 0 & 2 pins when the pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to
qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
3. Load capacitance for Port 0, ALE & PSEN#= 100pF, load capacitance for all other outputs = 80pF.
4. Capacitive loading on Ports 0 & 2 may cause the VOH on ALE and PSEN# to momentarily fall below the VDD - 0.7 specification when
the address bits are stabilizing.
5. Pins of Ports 1, 2 & 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
6. Pin capacitance is characterized but not tested. EA# is 25pF (max).
TABLE
13-7: DC ELECTRICAL CHARACTERISTICS FOR SST89V564RD AND SST89V554RC
Ta = -40°C TO +85°C; VDD = 2.7-3.6V; VSS = 0V (CONTINUED) (2 OF 2)
Symbol
Parameter
Test Conditions
Min
Max
Units


Número de pieza similar - SST89E554RC-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PI SST-SST89E554RC-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-PJ SST-SST89E554RC-25-C-PJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-TQI SST-SST89E554RC-25-C-TQI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com