Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-TQJ Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-TQJ Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-TQJ Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E554RC-40-I-TQJ Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
30
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
Symbol
Function
FE
Set SMOD0 = 1 to access FE bit.
0: No framing error
1: Framing Error. Set by receiver when an invalid stop bit is detected. This bit needs to
be cleared by software.
SM0
SMOD0 = 0 to access SM0 bit.
Serial Port Mode Bit 0
SM1
Serial Port Mode Bit 1
SM2
Enables the Automatic Address Recognition feature in Modes 2 or 3. If SM2 = 1 then RI
will not be set unless the received 9th data bit (RB8) is 1, indicating an address, and
the received byte is a given or broadcast address. In Mode 1, if SM2 = 1 then RI will not
be activated unless a valid stop bit was received. In Mode 0, SM2 should be 0.
REN
Enables serial reception.
0: to disable reception.
1: to enable reception.
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as
desired.
RB8
In Modes 2 and 3, the 9th data bit that was received. In Mode 1, if SM2 = 0, RB8 is the
stop bit that was received. In Mode 0, RB8 is not used.
TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at
the beginning of the stop bit in the other modes, in any serial transmission, Must be
cleared by software.
RI
Receive interrupt flag. Set by hardware at the end of the8th bit time in Mode 0, or
halfway through the stop bit time in the other modes, in any serial reception (except see
SM2). Must be cleared by software.
Serial Port Control Register (SCON)
Location
76543210
Reset Value
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00000000b
SM0
SM1
Mode
Description
Baud Rate1
1. fOSC = oscillator frequency
0
0
0
Shift Register
fOSC/6 (6 clock mode) or
fOSC/12 (12 clock mode)
0
1
1
8-bit UART
Variable
10
2
9-bit UART
fOSC/32 or fOSC/16 (6 clock mode)
or
fOSC/64 or fOSC/32 (12 clock mode)
1
1
3
9-bit UART
Variable


Número de pieza similar - SST89E554RC-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-TQJ SST-SST89E554RC-40-I-TQJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-40-I-TQJ SST-SST89E554RC-40-I-TQJ Datasheet
962Kb / 90P
   FlashFlex MCU
More results

Descripción similar - SST89E554RC-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com