Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL16PC564BLVI Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TL16PC564BLVI
Descripción Electrónicos  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BLVI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16PC564BLVI Datasheet HTML 7Page - Texas Instruments TL16PC564BLVI Datasheet HTML 8Page - Texas Instruments TL16PC564BLVI Datasheet HTML 9Page - Texas Instruments TL16PC564BLVI Datasheet HTML 10Page - Texas Instruments TL16PC564BLVI Datasheet HTML 11Page - Texas Instruments TL16PC564BLVI Datasheet HTML 12Page - Texas Instruments TL16PC564BLVI Datasheet HTML 13Page - Texas Instruments TL16PC564BLVI Datasheet HTML 14Page - Texas Instruments TL16PC564BLVI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
subsystem control register
The subsystem control register is an 8-bit register located at subsystem address 110 (hex). This register is
programmed based on host CPU configuration information and has a default selection of COM2 after a valid
reset. The bit definitions are as follows (0 = LSB):
Bits 0 and 1 define which host COM port the UART is connected to when the chip is in the address mode.
COM2 is the default (power-up) condition.
BIT 1
BIT 0
COM PORT
0
0
COM1
1
0
COM2
0
1
COM3
1
1
COM4
Bit 2 is a host CPU interrupt-enable bit. When bit 2 is set, any subsystem attribute-memory write cycle
causes STSCHG to be asserted. Bit 2 is cleared after a valid reset.
Bit 3 enables or disables address-mode selection as described in the host CPU/UART interface description.
Bit 3 is cleared (disabling the address mode) after a valid reset.
Bits 4 and 5 together ensure adherence to PCMCIA power-up requirements. At power up, the card must
operate as a memory card and all host CPU I/O operations must be disabled. IREQ, which doubles as the
host CPU READY/BUSY line, powers up low, indicating that the memory card is busy. Once the subsystem
initializes attribute memory, the subsystem sets bit 4 to indicate that the memory card is ready. Then bit 5 is
reset, changing the configuration from a memory card to an I/O card, enabling host CPU UART accesses.
IREQ now becomes the host CPU interrupt-request line.
BIT 5
BIT 4
CONFIGURATION
1
0
Memory card, I/O operation (UART) disabled; IREQ is low, indicating card is busy (power-up and reset
condition)
1
1
Memory card, I/O operation (UART) disabled; IREQ is high, indicating card is ready
0
X
I/O card, I/O operation (UART) enabled; IREQ now functions as the host CPU interrupt-request line
Bit 6 is a self-clearing bit that resets the subsystem IRQ signal. Writing a 1 to this location clears the IRQ
interrupt.
Bit 7 enables or disables serial-bypass mode as described in the subsystem serial-bypass-mode
description. Bit 7 is cleared (disabling serial-bypass mode) after a valid reset.
subsystem PGMCLK register/divide-by-n circuit
The subsystem PGMCLK register is a 6-bit write-only register located at address 120 hex and is used to select
the divisor of the divide-by-n-and-a-half circuitry. Any write to this register generates a reset to the UART and
the divide-by-n circuitry.
The divide-by-n circuitry allows for a divisor from 0 to 31.5 in 0.5 increments (PGMCLK0 is the half bit). The
divided clock output drives the UART clock input and can be seen on UARTCLK. The UART requires a clock
with a minimum high pulse duration of 50 ns and a minimum low pulse duration of 50 ns (10-MHz maximum
operating frequency). A programmed divisor between 2 and 7.5 drives the UART clock low for one XIN clock
cycle for integer divisors and one-and-a-half XIN clock cycles for integer-plus-a-half divisors. A programmed
divisor of eight or greater drives the UART clock low for four XIN clock cycles for integer divisors. A


Número de pieza similar - TL16PC564BLVI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16PC564BLVI TI1-TL16PC564BLVI Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZ TI1-TL16PC564BLVIPZ Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZG4 TI1-TL16PC564BLVIPZG4 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
More results

Descripción similar - TL16PC564BLVI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16PC564B TI-TL16PC564B Datasheet
488Kb / 33P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
   Universal Asynchronous Receiver/Transmitter
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com