Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME51074IHAADJZ Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME51074IHAADJZ
Descripción Electrónicos  PWM Control 3A Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME51074IHAADJZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME51074IHAADJZ Datasheet HTML 1Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 2Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 3Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 4Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 5Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 6Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 7Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 8Page - Analog Microelectronics AME51074IHAADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AME, Inc.
1
AME5107
Rev.A.01
PWM Control 3A Buck
Converter
C
l Input voltage: 3.6V to 18V.
l Output voltage: 0.8V to VCC.
l Duty ratio: 0% to 100% PWM control
l Oscillation frequency: 350KHz typ.
l Soft-start, Current limit, Enable function
l Thermal Shutdown function
l Built-in internal SW P-channel MOS
l SOP-8 Package
l All AME’ s Lead Free Products Meet RoHS
Standards
AME5107provides low-ripple power, high efficiency, and
excellent transient characteristics. The PWM control cir-
cuit is able to vary the duty ratio linearly from 0 up to
100%. This converter also contains an error amplifier cir-
cuit as well as a soft-start circuit that prevents overshoot
at startup. An enable function, an over current protect func-
tion and a short circuit protect function are built inside,
and when OCP or SCP happens, the operation frequency
will be reduced from 350KHz to 30KHz. Also, an internal
compensation block is built in to minimum external com-
ponent count.
With the addition of an internal P-channel Power MOS,
a coil, capacitors, and a diode connected externally, these
ICs can function as step-down switching regulators. They
serve as ideal power supply units for portable devices when
coupled with the SOP-8L mini-package, providing such
outstanding features as low current consumption. Since
this converter can accommodate an input voltage up to
18V, it is also suitable for the operation via an AC adapter.
n General Description
n Features
n Applications
S
l PC Motherboard
l LCD Monitor
l Graphic Card
l DVD-Video Player
l Telecom Equipment
l ADSL Modem
l Printer and other Peripheral Equipment
l Microprocessor core supply
l Networking power supply


Número de pieza similar - AME51074IHAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Descripción similar - AME51074IHAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com