Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS68332DESC01ZC Datasheet(PDF) 1 Page - ATMEL Corporation |
|
TS68332DESC01ZC Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 57 page Features • Low-power Operation Including Special STOP Mode • Frequency: 16.78 MHz at 5V ± 10% Supply and 20.97 MHz at 5V ± 5%, Software Programmable • Technology: 1µ High-density Complementary Metal-Oxide Semiconductor (HCMOS), Static Design • Package: 132-pin Ceramic Leaded Chip Carrier (CERQUAD) and 132-pin Ceramic Pin Grid Array (PGA) • Modular Architecture in a Single Chip • CPU: 32-bit 6800 Family (Upward Object-code Compatible with The 68010) • New Instructions For Controller Applications • Intelligent 16-bit Timer – 16 Independent, Programmable Channels – Any Channel Can Perform Any Time Function (For Example Input Capture, Output Compare, Pulse Width Modulation, etc.) – Two timer Count Registers with 2-bit Programmable Prescalers – Selectable Channel Priority Levels – Reduced CPU Intervention – RISC like CPU within the TPU • Two Serial I/O Subsystems – Enhanced 68HC11-type Serial Communications Interface (SCI) Universal Asynchronous Receiver Transmitter (UART) with Parity – Enhanced 68HC11-type Serial Peripheral Interface with I/O RAM Queue (QSPI) • On-chip Memory: 2-Kbytes Standby RAM • On-chip, Programmable, Chip-select Logic – Up to 12 Signals for Memory and Peripheral Interface with I/O Select • System Failure Protection – 68HC11-type Computer Operating Properly (COP) Watchdog Timer – 68HC11-type Periodic Interrupt Timer – 68000 Family Spurious Interrupt, Halt, and Bus Time-out Monitors • Up to 48 Discrete I/O Pins 1. Description The TS68332 is a 32-bit microcontroller, combining high-performance data manipula- tion capabilities with powerful peripheral subsystems. The TS68332 is the first member of the 68300 family of modular embedded controllers featuring fully static, high-speed complementary metal-oxide semiconductor technology. Based on the powerful TS68020, the CPU32 instruction processing module provides enhanced sys- tem performance and utilizes the extensive software base of the 68000 family. High- performance 32-bit Integrated Microcontroller TS68332 2118A–HIREL–11/05 |
Número de pieza similar - TS68332DESC01ZC |
|
Descripción similar - TS68332DESC01ZC |