Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ELT-315USOWA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

No. de pieza ELT-315USOWA
Descripción Electrónicos  0.36 Triple Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT-315USOWA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELT-315USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT-315USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT-315USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT-315USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT-315USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT-315USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.36" Triple Digit Displays
ELT-315USOWA/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number :CDDT-315-030
Prepared date:2007/5/9
Prepared by: YanLi Zhong


Número de pieza similar - ELT-315USOWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELT-315SURWA EVERLIGHT-ELT-315SURWA Datasheet
153Kb / 7P
   0.36 Triple Digit Displays
ELT-315SURWA/S530-A3 EVERLIGHT-ELT-315SURWA/S530-A3 Datasheet
153Kb / 7P
   0.36 Triple Digit Displays
ELT-315SYGWA EVERLIGHT-ELT-315SYGWA Datasheet
139Kb / 6P
   0.36 Triple Digit Displays
ELT-315SYGWA-S530-E2 EVERLIGHT-ELT-315SYGWA-S530-E2 Datasheet
144Kb / 6P
   0.36" Triple Digit Displays
ELT-315SYGWA/S530-E2 EVERLIGHT-ELT-315SYGWA/S530-E2 Datasheet
139Kb / 6P
   0.36 Triple Digit Displays
More results

Descripción similar - ELT-315USOWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELT-316SURWA-S530-A3 EVERLIGHT-ELT-316SURWA-S530-A3 Datasheet
140Kb / 6P
   0.36" Triple Digit Displays
ELT-315SURWA EVERLIGHT-ELT-315SURWA Datasheet
153Kb / 7P
   0.36 Triple Digit Displays
ELT-316SYGWA EVERLIGHT-ELT-316SYGWA Datasheet
143Kb / 6P
   0.36 Triple Digit Displays
ELT-316USOWA EVERLIGHT-ELT-316USOWA Datasheet
145Kb / 6P
   0.36 Triple Digit Displays
ELT-316SYGWA-S530-E2 EVERLIGHT-ELT-316SYGWA-S530-E2 Datasheet
148Kb / 6P
   0.36" Triple Digit Displays
ELT-316SURWA EVERLIGHT-ELT-316SURWA Datasheet
147Kb / 7P
   0.36 Triple Digit Displays
ELT-315SYGWA EVERLIGHT-ELT-315SYGWA Datasheet
139Kb / 6P
   0.36 Triple Digit Displays
ELT-315SYGWA-S530-E2 EVERLIGHT-ELT-315SYGWA-S530-E2 Datasheet
144Kb / 6P
   0.36" Triple Digit Displays
ELT-316GWB EVERLIGHT-ELT-316GWB Datasheet
176Kb / 5P
   Technical Data Sheet 0.36 Triple Digit Displays
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
   0.36" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com