Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68332VA16 Datasheet(PDF) 8 Page - ATMEL Corporation

No. de pieza TS68332VA16
Descripción Electrónicos  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VA16 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS68332VA16 Datasheet HTML 4Page - ATMEL Corporation TS68332VA16 Datasheet HTML 5Page - ATMEL Corporation TS68332VA16 Datasheet HTML 6Page - ATMEL Corporation TS68332VA16 Datasheet HTML 7Page - ATMEL Corporation TS68332VA16 Datasheet HTML 8Page - ATMEL Corporation TS68332VA16 Datasheet HTML 9Page - ATMEL Corporation TS68332VA16 Datasheet HTML 10Page - ATMEL Corporation TS68332VA16 Datasheet HTML 11Page - ATMEL Corporation TS68332VA16 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
2118A–HIREL–11/05
TS68332
3.
Scope
This drawing describes the specific requirements for the microcontroller 68332 at 16.78 MHz
and 20.97 MHz, in compliance either with MIL-STD-883 class B or Atmel-Grenoble standard.
4.
Applicable Documents
4.1
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-I-38535: general specifications for microcircuits.
3.
DSCC Drawing: 5962-91501.
5.
Requirements
5.1
General
The microcircuits are in accordance with the applicable document and as specified herein.
5.2
Design And Construction
5.2.1
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2-2 on page 4
and Figure 2-3 on page 5.
5.2.2
Lead Material and Finish
Lead material and finish shall be any option of MIL-STD-853.
5.2.3
Package
The macrocircuits are packaged in hermetically sealed ceramic packages which conform to
case outlines of MIL-M-38510 appendix C (when defined):
• 132-PIN SQ.PGA UP PAE outline
• 132-PIN Ceramic CERQUAD
5.3
Electrical Characteristics
The following ratings define the conditions under which the device operates without damage.
Sections of the device may not operate normally while being exposed to the electrical extremes
and contains circuitry to protect against damage from high static voltages or electrical fields. It is
advised, however, that normal precautions be taken to avoid application of any voltages higher
than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced
if unused inputs are tied to an appropriate logic voltage (i.e., either V
SS or VDD).


Número de pieza similar - TS68332VA16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS68332VA16 ATMEL-TS68332VA16 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Descripción similar - TS68332VA16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com