Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ELT-512USOWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

No. de pieza ELT-512USOWA
Descripción Electrónicos  0.56 Triple Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT-512USOWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELT-512USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT-512USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT-512USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT-512USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT-512USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT-512USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.56" Triple Digit Displays
ELT-512USOWA/S530-A3
█ Features :
● Industrial standard size.
● Low power consumption.
● Categorized for luminous intensity.
● Pb free
● The product itself will remain within RoHS
compliant version
█ Descriptions :
● The ELT-512 series is a large 14.22 mm
(0.56")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
● Audio equipment
● Instrument panels
● Digital read out display
Material
AlGaInP
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 1 of 6
Prepared date:2007/5/9
Prepared by: YanLi Zhong
Device Number :CDDT-512-060
ELT-512USOWA/S530-A3
PART NO.
Emitted Color
Reddish Orange
Chip


Número de pieza similar - ELT-512USOWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELT-512UYOWA-S530-A3 EVERLIGHT-ELT-512UYOWA-S530-A3 Datasheet
153Kb / 5P
   0.56" Triple Digit Displays
More results

Descripción similar - ELT-512USOWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
ELT-511USOWA EVERLIGHT-ELT-511USOWA Datasheet
117Kb / 6P
   0.56 Triple Digit Displays
ELT-512UYOWA-S530-A3 EVERLIGHT-ELT-512UYOWA-S530-A3 Datasheet
153Kb / 5P
   0.56" Triple Digit Displays
ELT-512SURWA EVERLIGHT-ELT-512SURWA Datasheet
130Kb / 7P
   0.56 Triple Digit Displays
ELT-541SURWA EVERLIGHT-ELT-541SURWA Datasheet
158Kb / 7P
   0.56 Triple Digit Displays
ELT-541SYGWA EVERLIGHT-ELT-541SYGWA Datasheet
147Kb / 6P
   0.56 Triple Digit Displays
ELT-542SURWA EVERLIGHT-ELT-542SURWA Datasheet
157Kb / 7P
   0.56 Triple Digit Displays
ELT-511SYGWA-S530-E2 EVERLIGHT-ELT-511SYGWA-S530-E2 Datasheet
88Kb / 6P
   0.56" TRIPLE DIGIT DISPLAYS
ELT-511SURWA-S530-A3 EVERLIGHT-ELT-511SURWA-S530-A3 Datasheet
149Kb / 5P
   0.56" Triple Digit Displays
ELT-512SYGWA-S530-E2 EVERLIGHT-ELT-512SYGWA-S530-E2 Datasheet
121Kb / 6P
   0.56" Triple Digit Displays
ELT-542USOWA EVERLIGHT-ELT-542USOWA Datasheet
148Kb / 6P
   0.56 Triple Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com