Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R6C-AL1M2VY Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

No. de pieza R6C-AL1M2VY
Descripción Electrónicos  Chip LED (0.4mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R6C-AL1M2VY Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  R6C-AL1M2VY Datasheet HTML 1Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 2Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 3Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 4Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 5Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 6Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 7Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 8Page - Everlight Electronics Co., Ltd R6C-AL1M2VY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-217/R6C-AL1M2VY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 2 of 10
Device No:SZDSE-197-R05
Prepared date:08-Jan-2005
Prepared by:Liu tao
Package Outline Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Número de pieza similar - R6C-AL1M2VY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
R6C-AN2Q1B EVERLIGHT-R6C-AN2Q1B Datasheet
219Kb / 10P
   Chip LED (1.1mm Height)
R6C-AR1S1B EVERLIGHT-R6C-AR1S1B Datasheet
215Kb / 10P
   Chip LED with Right Angle Lens
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
More results

Descripción similar - R6C-AL1M2VY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
BHC-ZL1M2RY EVERLIGHT-BHC-ZL1M2RY Datasheet
152Kb / 10P
   chip LED(0.4mm Height)
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED(0.4mm Height)
S2C-AM2N2VY EVERLIGHT-S2C-AM2N2VY Datasheet
160Kb / 10P
   Chip LED (0.4mm Height)
S2C-FM2P1VY EVERLIGHT-S2C-FM2P1VY Datasheet
170Kb / 10P
   Chip LED (0.4mm Height)
W1D-DP1Q2QY EVERLIGHT-W1D-DP1Q2QY Datasheet
149Kb / 12P
   Chip LED (0.4mm Height)
19-217-BHC-AN1P2 EVERLIGHT-19-217-BHC-AN1P2 Datasheet
153Kb / 10P
   Chip LED(0.4mm Height)
19-217-R6C-AM2P1VY EVERLIGHT-19-217-R6C-AM2P1VY Datasheet
142Kb / 10P
   Chip LED (0.4mm Height)
G7C-AL1M2B EVERLIGHT-G7C-AL1M2B Datasheet
151Kb / 10P
   Chip LED(0.4mm Height)
R6C-P1Q2 EVERLIGHT-R6C-P1Q2 Datasheet
159Kb / 10P
   Chip LED (0.4mm Height)
19-217-W1D-APQHY EVERLIGHT-19-217-W1D-APQHY Datasheet
150Kb / 11P
   Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com