Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA2014D1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPA2014D1
Descripción  1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA2014D1 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
AVAILABLE OPTIONS
RECOMMENDED OPERATING CONDITIONS
TPA2014D1
SLAS559 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage
–0.3 to 6
V
VI
Input voltage, Vi: SDb, SDd, IN+, IN–, VCCFB
–0.3 to VDD + 0.3
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
16 ball WCSP
1.5 W
12.4 mW/
°C
1 W
0.8 W
20 pin QFN
2.5 W
20.1 mW/
°C
1.6 W
1.3 W
(1)
Derating factor measured with JEDEC High K board.
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
16-ball, 2.275 mm
× 2.275 mm WCSP
TPA2014D1YZH
CEJ
(+0.01/-0.09 mm tolerance)
–40
°C TO 85°C
20-pin, 4 mm
× 4 mm QFN
TPA2014D1RGP(2)
CEK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RGP package is only available taped and reeled. To order, add suffix R to the end of the part number for a reel of 3000 (e.g.,
TPA2014D1RGPR).
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SDb, SDd
1.3
V
VIL
Low-level input voltage
SDb, SDd
0.35
V
| IIH |
High-level input current
SDb = SDd = 5.8 V, VDD = 5.5 V
1
µA
| IIL|
Low-level input current
SDb = SDd = -0.3 V, VDD = 5.5 V
20
µA
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2014D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn