Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2014D1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2014D1
Descripción Electrónicos  1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2014D1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2014D1 Datasheet HTML 12Page - Texas Instruments TPA2014D1 Datasheet HTML 13Page - Texas Instruments TPA2014D1 Datasheet HTML 14Page - Texas Instruments TPA2014D1 Datasheet HTML 15Page - Texas Instruments TPA2014D1 Datasheet HTML 16Page - Texas Instruments TPA2014D1 Datasheet HTML 17Page - Texas Instruments TPA2014D1 Datasheet HTML 18Page - Texas Instruments TPA2014D1 Datasheet HTML 19Page - Texas Instruments TPA2014D1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
FILTER FREE OPERATION AND FERRITE BEAD FILTERS
1nF
Ferrite
ChipBead
OUTP
OUTN
1nF
Ferrite
ChipBead
OPERATION WITH DACs AND CODECs
BYPASSING THE BOOST CONVERTER
TPA2014D1
SLAS559 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
A ferrite bead filter is often used if the design is failing radiated emissions without an LC filter and the frequency
sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC and CE
because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead, choose
one with high impedance at high frequencies, and a low impedance at low frequencies. In addition, select a
ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
Figure 16 shows a typical ferrite bead output filters.
Figure 16. Typical Ferrite Chip Bead Filter
Suggested Chip Ferrite Bead
Load
Vendor
Part Number
Size
8
Murata
BLM18EG121SN1
0603
When using switching amplifiers with CODECs and DACs, there may be an increase in the output noise floor
from the audio amplifier. This occurs when mixing of the output frequencies of the CODEC/DAC with the
switching frequencies of the audio amplifier input stage. The noise increase is solved by placing a low-pass filter
between the CODEC/DAC and audio amplifier. This filters off the high frequencies that cause the problem and
allow proper performance.
The TPA2014D1 has a two pole low pass filter at the inputs. The cutoff frequency of the filter is set to
approximately 100kHz. The integrated low pass filter of the TPA2014D1 eliminates the need for additional
external filtering components. A properly designed additional low pass filter may be added without altering the
performance of the device.
Bypass the boost converter to drive the Class-D amplifier directly from the battery. Place a Shottky diode
between the SW pin and the VCCIN pin. Select a diode that has an average forward current rating of at least 1A,
reverse breakdown voltage of 10 V or greater, and a forward voltage as small as possible. See Figure 17 for an
example of a circuit designed to bypass the boost converter.
Do not configure the circuit to bypass the boost converter if VDD is higher than VCC when the boost converter is
enabled (SDb
≥ 1.3 V); VDD must be lower than VCC for proper operation. VDD may be set to any voltage within
the recommended operating range when the boost converter is disabled (SDb
≤ 0.3V).
Place a logic high on SDb to place the TPA2014D1 in boost mode. Place a logic low on SDb to place the
TPA2014D1 in bypass mode.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2014D1


Número de pieza similar - TPA2014D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1RGPR TI-TPA2014D1RGPR Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1RGPRG4 TI-TPA2014D1RGPRG4 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1RGPT TI-TPA2014D1RGPT Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1RGPTG4 TI-TPA2014D1RGPTG4 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Descripción similar - TPA2014D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com