Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-PI Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-PI
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-PI Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-PI Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 36Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
32
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
TF2
Timer 2 overflow flag set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK or TCLK = 1.
EXF2
Timer 2 external flag set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will
cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by
software. EXF2 does not cause an interrupt in up/down counter mode (DCEN = 1).
RCLK
Receive clock flag. When set, causes the serial port to use Timer 2 overflow pulses for
its receive clock in modes 1 and 3. RCLK = 0 causes Timer 1 overflow to be used for
the receive clock.
TCLK
Transmit clock flag. When set, causes the serial port to use Timer 2 overflow pulses for
its transmit clock in modes 1 and 3. TCLK = 0 causes Timer 1 overflow to be used for
the transmit clock.
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur as a result
of a negative transition on T2EX if Timer 2 is not being used to clock the serial port.
EXEN2 = 0 causes Timer 2 to ignore events at T2EX.
TR2
Start/stop control for Timer 2. A logic 1 starts the timer.
C/T2#
Timer or counter select (Timer 2)
0: Internal timer (OSC/6 in 6 clock mode, OSC/12 in 12 clock mode)
1: External event counter (falling edge triggered)
CP/RL2#
Capture/Reload flag. When set, captures will occur on negative transitions at T2EX if
EXEN2 = 1. When cleared, auto-reloads will occur either with Timer 2 overflows or
negative transitions at T2EX when EXEN2 = 1. When either RCLK = 1 or TCLK = 1,
this bit is ignored and the timer is forced to auto-reload on Timer 2 overflow.
Symbol
Function
X
Don’t Care
-
Not implemented, reserved for future use.
Note: User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
T2OE
Timer 2 Output Enable bit.
DCEN
Down Count Enable bit. When set, this allows Timer 2 to be configured as an up/down
counter.
Timer/Counter 2 Control Register (T2CON)
Location
76543210
Reset Value
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
00H
Timer/Counter 2 Mode Control (T2MOD)
Location
76543210
Reset Value
C9H
X
-----
T2OE
DCEN
xxxxxx00b


Número de pieza similar - SST89V58RD2-33-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-PI SST-SST89V58RD2-33-C-PI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V58RD2-33-C-PIE1 SST-SST89V58RD2-33-C-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-PIF2 SST-SST89V58RD2-33-C-PIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com