Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-NI Datasheet(PDF) 51 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-NI Datasheet(HTML) 51 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-NI Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 55Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
51
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
8.3.2 16-Bit Software Timer Mode
The 16-bit software timer mode is used to trigger interrupt
routines, which must occur at periodic intervals. It is setup
by setting both the ECOM and MAT bits in the module’s
CCAPMn register. The PCA timer will be compared to the
module’s capture registers (CCAPnL and CCAPnH) and
when a match occurs, an interrupt will occur, if the CCFn
(CCON SFR) and the ECCFn (CCAPMn SFR) bits for the
module are both set.
If necessary, a new 16-bit compare value can be loaded
into CCAPnH and CCAPnL during the interrupt routine.
The user should be aware that the hardware temporarily
disables the comparator function while these registers are
being updated so that an invalid match will not occur. Thus,
it is recommended that the user write to the low byte first
(CCAPnL) to disable the comparator, then write to the high
byte (CCAPnH) to re-enable it. If any updates to the regis-
ters are done, the user may want to hold off any interrupts
from occurring by clearing the EA bit. (See Figure 8-3)
FIGURE
8-3: PCA Compare Mode (Software Timer)
1255 F25.0
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
ECOMn CAPPn CAPNn
MATn
TOGn
PWMn ECCFn
CCON
CCAPMn
n=0 to 4
PCA Interrupt
CH
CL
CCAPnH
CCAPnL
PCA Timer/Counter
0
00
0
16-bit Comparator
Reset
Write to
CCAPnL
Write to
CCAPnH
10
Enable
Match


Número de pieza similar - SST89E58RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-NI SST-SST89E58RD2-40-C-NI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-40-C-NIE1 SST-SST89E58RD2-40-C-NIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NIF2 SST-SST89E58RD2-40-C-NIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com