Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-I-QI Datasheet(PDF) 52 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-I-QI
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-I-QI Datasheet(HTML) 52 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-I-QI Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 55Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-QI Datasheet HTML 56Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
52
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
8.3.3 High Speed Output Mode
The high speed output mode is used to toggle a port pin
when a match occurs between the PCA timer and the pre-
loaded value in the compare registers. In this mode, the
CEX output pin (on port 1) associated with the PCA mod-
ule will toggle every time there is a match between the PCA
counter (CH and CL) and the capture registers (CCAPnH
and CCAPnL). To activate this mode, the user must set
TOG, MAT, and ECOM bits in the module’s CCAPMn SFR.
High speed output mode is much more accurate than tog-
gling pins since the toggle occurs before branching to an
interrupt. In this case, interrupt latency will not affect the
accuracy of the output. When using high speed output,
using an interrupt is optional. Only if the user wishes to
change the time for the next toggle is it necessary to
update the compare registers. Otherwise, the next toggle
will occur when the PCA timer rolls over and matches the
last compare value. (See Figure 8-4)
FIGURE
8-4: PCA High Speed Output Mode
1255 F26.0
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
ECOMn CAPPn CAPNn
MATn
TOGn
PWMn ECCFn
CCON
CCAPMn
n=0 to 4
PCA Interrupt
CH
CL
CCAPnH
CCAPnL
PCA Timer/Counter
0
00
16-bit Comparator
Reset
Write to
CCAPnL
Write to
CCAPnH
10
Enable
Match
CEXn
Toggle


Número de pieza similar - SST89E58RD2-40-I-QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-I-QIE1 SST-SST89E58RD2-40-I-QIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-I-QIF2 SST-SST89E58RD2-40-I-QIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-I-QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com