Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E54RD2-40-I-TQI Datasheet(PDF) 62 Page - Silicon Storage Technology, Inc

No. de pieza SST89E54RD2-40-I-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E54RD2-40-I-TQI Datasheet(HTML) 62 Page - Silicon Storage Technology, Inc

Back Button SST89E54RD2-40-I-TQI Datasheet HTML 58Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 66Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
62
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
13.0 SYSTEM CLOCK AND CLOCK OPTIONS
13.1 Clock Input Options and Recom-
mended Capacitor Values for Oscillator
Shown in Figure 13-1 are the input and output of an inter-
nal inverting amplifier (XTAL1, XTAL2), which can be con-
figured for use as an on-chip oscillator.
When driving the device from an external clock source,
XTAL2 should be left disconnected and XTAL1 should be
driven.
At start-up, the external oscillator may encounter a higher
capacitive load at XTAL1 due to interaction between the
amplifier and its feedback capacitance. However, the
capacitance will not exceed 15 pF once the external signal
meets the VIL and VIH specifications.
Crystal manufacturer, supply voltage, and other factors
may cause circuit performance to differ from one applica-
tion to another. C1 and C2 should be adjusted appropri-
ately for each design. Table 13-1, shows the typical values
for C1 and C2 vs. crystal type for various frequencies
More specific information about on-chip oscillator design
can be found in the FlashFlex51 Oscillator Circuit Design
Considerations application note.
13.2 Clock Doubling Option
By default, the device runs at 12 clocks per machine cycle
(x1 mode). The device has a clock doubling option to
speed up to 6 clocks per machine cycle. Please refer to
Table 13-2 for detail.
Clock double mode can be enabled either via the external
host mode or the IAP mode. Please refer to Table 4-2 for
the IAP mode enabling commands (When set, the EDC#
bit in SFST register will indicate 6 clock mode.).
The clock double mode is only for doubling the inter-
nal system clock and the internal flash memory, i.e.
EA#=1. To access the external memory and the peripheral
devices, careful consideration must be taken. Also note
that the crystal output (XTAL2) will not be doubled.
FIGURE
13-1: Oscillator Characteristics
TABLE
13-1:Recommended Values for C1 and
C2 by Crystal Type
Crystal
C1 = C2
Quartz
20-30pF
Ceramic
40-50pF
T13-1.0 1255
TABLE
13-2: Clock Doubling Features
Device
Standard Mode (x1)
Clock Double Mode (x2)
Clocks per
Machine Cycle
Max. External Clock Frequency
(MHz)
Clocks per
Machine Cycle
Max. External Clock Frequency
(MHz)
SST89E5xRD2/RD
12
40
6
20
SST89V5xRD2/RD
12
33
6
16
T13-2.0 1255
1255 F32.0
XTAL2
XTAL1
VSS
C1
Using the On-Chip Oscillator
External Clock Drive
C2
XTAL2
XTAL1
VSS
External
Oscillator
Signal
NC


Número de pieza similar - SST89E54RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E54RD2-40-I-TQI SST-SST89E54RD2-40-I-TQI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E54RD2-40-I-TQIE1 SST-SST89E54RD2-40-I-TQIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E54RD2-40-I-TQIF2 SST-SST89E54RD2-40-I-TQIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E54RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com