Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E54RD2-40-I-TQI Datasheet(PDF) 74 Page - Silicon Storage Technology, Inc

No. de pieza SST89E54RD2-40-I-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E54RD2-40-I-TQI Datasheet(HTML) 74 Page - Silicon Storage Technology, Inc

Back Button SST89E54RD2-40-I-TQI Datasheet HTML 70Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 71Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 72Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-TQI Datasheet HTML 78Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
74
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
FIGURE
14-7: Shift Register Mode Timing Waveforms
FIGURE
14-8: AC Testing Input/Output Test
Waveform
FIGURE
14-9: Float Waveform
TABLE 14-10: Serial Port Timing
Symbol
Parameter
Oscillator
Units
12MHz
40MHz
Variable
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle Time
1.0
0.3
12TCLCL
µs
TQVXH
Output Data Setup to Clock Rising Edge
700
117
10TCLCL - 133
ns
TXHQX
Output Data Hold After Clock Rising Edge
50
2TCLCL - 117
ns
02TCLCL - 50
ns
TXHDX
Input Data Hold After Clock Rising Edge
0
0
0
ns
TXHDV
Clock Rising Edge to Input Data Valid
700
117
10TCLCL - 133
ns
T14-10.0 1255
1255 F39.0
ALE
0
INSTRUCTION
CLOCK
OUTPUT DATA
WRITE TO SBUF
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
INPUT DATA
CLEAR RI
01
2
3
4
5
6
7
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET R I
1
2
3
4
5
6
7
8
VLT
AC Inputs during testing are driven at VIHT (VDD -0.5V) for Logic "1" and
VILT (0.45V) for a Logic "0". Measurement reference points for inputs and
outputs are at VHT (0.2VDD + 0.9) and VLT (0.2VDD - 0.1)
VHT
VIHT
VILT
1255 F40.0
Note: VHT- VHIGH Test
VLT- VLOW Test
VIHT-VINPUT HIGH Test
VILT- VINPUT LOW Test
For timing purposes, a port pin is no longer floating when a 100 mV
change from load voltage occurs, and begins to float when a 100 mV
change from the loaded VOH/VOL level occurs. IOL/IOH = ± 20mA.
VLOAD +0.1V
VLOAD -0.1V
VOH -0.1V
Timing Reference
Points
VOL +0.1V
VLOAD
1255 F41.0


Número de pieza similar - SST89E54RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E54RD2-40-I-TQI SST-SST89E54RD2-40-I-TQI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E54RD2-40-I-TQIE1 SST-SST89E54RD2-40-I-TQIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E54RD2-40-I-TQIF2 SST-SST89E54RD2-40-I-TQIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E54RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com