Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-C-PJ Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-C-PJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-C-PJ Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-C-PJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-33-C-PJ Datasheet HTML 53Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
49
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
TABLE
8-5: PCA Module Modes
Without Interrupt enabled
-1 ECOMy2 CAPPy2
CAPNy2
MATy2
TOGy2
PWMy2
ECCFy2
Module Code
-
0
0
0
0
0
0
0
No Operation
-
0
1
0
0
0
0
0
16-bit capture on positive-edge trigger at CEX[4:0]
-
0
0
1
0
0
0
0
16-bit capture on negative-edge trigger at
CEX[4:0]
-
0
1
1
0
0
0
0
16-bit capture on positive/negative-edge
trigger at CEX[4:0]
-
1
0
0
1
0
0
0
Compare: software timer
-
1
0
0
1
1
0
0
Compare: high-speed output
-
1
0
0
0
0
1
0
Compare: 8-bit PWM
-1
0
0
1
0 or 13
0
0
Compare: PCA WDT (CCAPM4 only)4
T8-5.0 1255
1. User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
2. y = 0, 1, 2, 3, 4
3. A 0 disables toggle function. A 1 enables toggle function on CEX[4:0] pin.
4. For PCA WDT mode, also set the WDTE bit in the CMOD register to enable the reset output signal.
TABLE
8-6: PCA Module Modes
With Interrupt enabled
-1
1. User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
ECOMy2
2. y = 0, 1, 2, 3, 4
CAPPy2
CAPNy2
MATy2
TOGy2
PWMy2
ECCFy2
Module Code
-
0
1
0
0
0
0
1
16-bit capture on positive-edge trigger at CEX[4:0]
-
0
0
1
0
0
0
1
16-bit capture on negative-edge trigger at CEX[4:0]
-
0
1
1
0
0
0
1
16-bit capture on positive/negative-edge
trigger at CEX[4:0]
-
1
0
0
1
0
0
1
Compare: software timer
-
1
0
0
1
1
0
1
Compare: high-speed output
-1
0
0
0
0
1
X3
3. No PCA interrupt is needed to generate the PWM.
Compare: 8-bit PWM
-1
0
0
1
0 or 14
4. A 0 disables toggle function. A 1 enables toggle function on CEX[4:0] pin.
0X5
5. Enabling an interrupt for the Watchdog Timer would defeat the purpose of the Watchdog Timer.
Compare: PCA WDT (CCAPM4 only)6
6. For PCA WDT mode, also set the WDTE bit in the CMOD register to enable the reset output signal.
T8-6.0 1255


Número de pieza similar - SST89E58RD2-33-C-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-C-PJ SST-SST89E58RD2-33-C-PJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-C-PJE1 SST-SST89E58RD2-33-C-PJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-33-C-PJF2 SST-SST89E58RD2-33-C-PJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-C-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com