Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E54RD2-40-I-PJ Datasheet(PDF) 66 Page - Silicon Storage Technology, Inc

No. de pieza SST89E54RD2-40-I-PJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E54RD2-40-I-PJ Datasheet(HTML) 66 Page - Silicon Storage Technology, Inc

Back Button SST89E54RD2-40-I-PJ Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 67Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 68Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 69Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 70Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
66
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
2. Capacitive loading on Ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and Ports 1 and 3. The noise
due to external bus capacitance discharging into the Port 0 and 2 pins when the pins make 1-to-0 transitions during bus operations.
In the worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable
to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
3. Load capacitance for Port 0, ALE and PSEN#= 100pF, load capacitance for all other outputs = 80pF.
4. Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN# to momentarily fall below the VDD - 0.7 specification
when the address bits are stabilizing.
5. Pins of Ports 1, 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches
its maximum value when VIN is approximately 2V.
6. Pin capacitance is characterized but not tested. EA# is 25pF (max).


Número de pieza similar - SST89E54RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E54RD2-40-I-PJ SST-SST89E54RD2-40-I-PJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E54RD2-40-I-PJE1 SST-SST89E54RD2-40-I-PJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E54RD2-40-I-PJF2 SST-SST89E54RD2-40-I-PJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E54RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com