Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-NJ Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-NJ Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-NJ Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJ Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
39
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
5.3 Programmable Clock-Out
A 50% duty cycle clock can be programmed to come out
on P1.0. This pin, besides being a regular I/O pin, has two
alternate functions. It can be programmed:
1. to input the external clock for Timer/Counter 2, or
2. to output a 50% duty cycle clock ranging from 122
Hz to 8 MHz at a 16 MHz operating frequency (61
Hz to 4 MHz in 12 clock mode).
To configure Timer/Counter 2 as a clock generator, bit
C/#T2 (in T2CON) must be cleared and bit T20E in
T2MOD must be set. Bit TR2 (T2CON.2) also must be set
to start the timer.
The Clock-Out frequency depends on the oscillator fre-
quency and the reload value of Timer 2 capture registers
(RCAP2H, RCAP2L) as shown in this equation:
Oscillator Frequency
n x (65536 - RCAP2H, RCAP2L)
n =
2 (in 6 clock mode)
4 (in 12 clock mode)
Where (RCAP2H, RCAP2L) = the contents of RCAP2H
and RCAP2L taken as a 16-bit unsigned integer.
In the Clock-Out mode, Timer 2 roll-overs will not generate
an interrupt. This is similar to when it is used as a baud-rate
generator. It is possible to use Timer 2 as a baud-rate gen-
erator and a clock generator simultaneously. Note, how-
ever, that the baud-rate and the Clock-Out frequency will
not be the same.
TABLE
5-2: Timer/Counter 1
Mode
Function
TMOD
Internal
Control1
External
Control2
Used as
Timer
0
13-bit Timer
00H
80H
1
16-bit Timer
10H
90H
2
8-bit Auto-Reload
20H
A0H
3
Does not run
30H
B0H
Used as
Counter
0
13-bit Timer
40H
C0H
1
16-bit Timer
50H
D0H
2
8-bit Auto-Reload
60H
E0H
3
Not available
-
-
T5-2.0 1255
1. The Timer is turned ON/OFF by setting/clearing bit
TR1 in the software.
2. The Timer is turned ON/OFF by the 1 to 0 transition
on INT1# (P3.3) when TR1 = 1 (hardware control).
TABLE
5-3: Timer/Counter 2
Mode
T2CON
Internal
Control1
1. Capture/Reload occurs only on timer/counter overflow.
External
Control2
2. Capture/Reload occurs on timer/counter overflow and a 1
to 0 transition on T2EX (P1.1) pin except when Timer 2 is
used in the baud rate generating mode.
Used as
Timer
16-bit Auto-Reload
00H
08H
16-bit Capture
01H
09H
Baud rate generator
receive and transmit
same baud rate
34H
36H
Receive only
24H
26H
Transmit only
14H
16H
Used as
Counter
16-bit Auto-Reload
02H
0AH
16-bit Capture
03H
0BH
T5-3.0 1255


Número de pieza similar - SST89V58RD2-33-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-NJ SST-SST89V58RD2-33-C-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V58RD2-33-C-NJ SST-SST89V58RD2-33-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-NJE SST-SST89V58RD2-33-C-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
SST89V58RD2-33-C-NJE SST-SST89V58RD2-33-C-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-NJE1 SST-SST89V58RD2-33-C-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com