Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-I-NJ Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-I-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-I-NJ Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-NJ Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJ Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
29
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
SPIE
If both SPIE and ES are set to one, SPI interrupts are enabled.
SPE
SPI enable bit.
0: Disables SPI.
1: Enables SPI and connects SS#, MOSI, MISO, and SCK to pins P1.4, P1.5, P1.6, P1.7.
DORD
Data Transmission Order.
0: MSB first in data transmission.
1: LSB first in data transmission.
MSTR
Master/Slave select.
0: Selects Slave mode.
1: Selects Master mode.
CPOL
Clock Polarity
0: SCK is low when idle (Active High).
1: SCK is high when idle (Active Low).
CPHA
Clock Phase control bit. The CPHA bit with the CPOL bit control the clock and data
relationship between master and slave. See Figures 6-5 and 6-6.
0: Shift triggered on the leading edge of the clock.
1: Shift triggered on the trailing edge of the clock.
SPR1, SPR0
SPI Clock Rate Select bits. These two bits control the SCK rate of the device
configured as master. SPR1 and SPR0 have no effect on the slave. The relationship
between SCK and the oscillator frequency, fOSC, is as follows:
Symbol
Function
SPIF
SPI Interrupt Flag.
Upon completion of data transfer, this bit is set to 1.
If SPIE =1 and ES =1, an interrupt is then generated.
This bit is cleared by software.
WCOL
Write Collision Flag.
Set if the SPI data register is written to during data transfer.
This bit is cleared by software.
SPI Control Register (SPCR)
Location
76543210
Reset Value
D5H
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
00H
SPR1
SPR0
SCK = fOSC divided by
0
0
1
1
0
1
0
1
4
16
64
128
SPI Status Register (SPSR)
Location
76543210
Reset Value
AAH
SPIF
WCOL
------
00xxxxxxb


Número de pieza similar - SST89E58RD2-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-NJE1 SST-SST89E58RD2-33-I-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-33-I-NJF2 SST-SST89E58RD2-33-I-NJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com