Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-QJ Datasheet(PDF) 27 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-QJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-QJ Datasheet(HTML) 27 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-QJ Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 31Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
27
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
CIDL
Counter Idle Control:
0: Programs the PCA Counter to continue functioning during idle mode
1: Programs the PCA Counter to be gated off during idle
WDTE
Watchdog Timer Enable:
0: Disables Watchdog Timer function on PCA module 4
1: Enables Watchdog Timer function on PCA module 4
-
Not implemented, reserved for future use.
Note: User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
CPS1
PCA Count Pulse Select bit 1
CPS0
PCA Count Pulse Select bit 2
ECF
PCA Enable Counter Overflow interrupt:
0: Disables the CF bit in CCON
1: Enables CF bit in CCON to generate an interrupt
PCA Timer/Counter Mode Register1 (CMOD)
Location
76543210
Reset Value
D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
00xxx000b
1. Not bit addressable
CPS1
CPS0
Selected
PCA Input1
1. fOSC = oscillator frequency
00
0
Internal clock, fOSC/6 in 6 clock mode (fOSC/12 in 12 clock mode)
01
1
Internal clock, fOSC/2 in 6 clock mode (fOSC/4 in 12 clock mode)
10
2
Timer 0 overflow
11
3
External clock at ECI/P1.2 pin
(max. rate = fOSC/4 in 6 clock mode, fOSC/8 in 12 clock mode)


Número de pieza similar - SST89E58RD2-40-C-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-QJE1 SST-SST89E58RD2-40-C-QJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-QJF2 SST-SST89E58RD2-40-C-QJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com