Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-QJ Datasheet(PDF) 40 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-QJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-QJ Datasheet(HTML) 40 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-QJ Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-QJ Datasheet HTML 44Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
40
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
6.0 SERIAL I/O
6.1 Full-Duplex, Enhanced UART
The device serial I/O port is a full-duplex port that allows
data to be transmitted and received simultaneously in
hardware by the transmit and receive registers, respec-
tively, while the software is performing other tasks. The
transmit and receive registers are both located in the
Serial Data Buffer (SBUF) special function register. Writ-
ing to the SBUF register loads the transmit register, and
reading from the SBUF register obtains the contents of
the receive register.
The UART has four modes of operation which are selected
by the Serial Port Mode Specifier (SM0 and SM1) bits of
the Serial Port Control (SCON) special function register. In
all four modes, transmission is initiated by any instruction
that uses the SBUF register as a destination register.
Reception is initiated in mode 0 when the Receive Interrupt
(RI) flag bit of the Serial Port Control (SCON) SFR is
cleared and the Reception Enable/ Disable (REN) bit of the
SCON register is set. Reception is initiated in the other
modes by the incoming start bit if the REN bit of the SCON
register is set.
6.1.1 Framing Error Detection
Framing Error Detection is a feature, which allows the
receiving controller to check for valid stop bits in modes 1,
2, or 3. Missing stops bits can be caused by noise in serial
lines or from simultaneous transmission by two CPUs.
Framing Error Detection is selected by going to the PCON
register and changing SMOD0 = 1 (see Figure 6-1). If a
stop bit is missing, the Framing Error bit (FE) will be set.
Software may examine the FE bit after each reception to
check for data errors. After the FE bit has been set, it can
only be cleared by software. Valid stop bits do not clear FE.
When FE is enabled, RI rises on the stop bit, instead of the
last data bit (see Figure 6-2 and Figure 6-3).
FIGURE
6-1: Framing Error Block Diagram
1255 F16.0
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
SMOD0
SMOD1
POF
GF1
GF0
PD
IDL
SCON
(98H)
PCON
(87H)
Set FE bit if stop bit is 0 (framing error) (SMOD0 = 1)
SM0 to UART mode control (SMOD0 = 0)
To UART framing error control
BOF


Número de pieza similar - SST89E58RD2-40-C-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-QJE1 SST-SST89E58RD2-40-C-QJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-QJF2 SST-SST89E58RD2-40-C-QJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com