Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-QJ Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-QJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-QJ Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-QJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-QJ Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
17
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
TABLE
3-5: CPU related SFRs
Symbol Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
Reset
Value
MSB
LSB
ACC1
Accumulator
E0H
ACC[7:0]
00H
B1
B Register
F0H
B[7:0]
00H
PSW1
Program Status
Word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
SP
Stack Pointer
81H
SP[7:0]
07H
DPL
Data Pointer
Low
82H
DPL[7:0]
00H
DPH
Data Pointer
High
83H
DPH[7:0]
00H
IE1
Interrupt Enable
A8H
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
00H
IEA1
Interrupt
Enable A
E8H
-
-
-
-
EBO
-
-
-
xxxx0xxxb
IP1
Interrupt Priority
Reg
B8H
-
PPC
PT2
PS
PT1
PX1
PT0
PX0
x0000000b
IPH
Interrupt Priority
Reg High
B7H
-
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
x0000000b
IP11
Interrupt Priority
Reg A
F8H
-
-
-
-
PBO
PX3
PX2
-
xxxx0xxxb
IP1H
Interrupt Priority
Reg A High
F7H
-
-
-
-
PBOH
PX3H
PX3
-
xxxx0xxxb
PCON
Power Control
87H
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
00010000b
AUXR
Auxiliary Reg
8EH
-
-
-
-
-
-
EXTRAM
AO
xxxxxxx00b
AUXR1
Auxiliary Reg 1
A2H
-
-
-
-
GF2
0
-
DPS
xxxx00x0b
XICON2 External
Interrupt Control
AEH
X
EX3
IE3
IT3
0
EX2
IE2
IT2
00H
T3-5.0 1255
1. Bit Addressable SFRs
2. X = Don’t care
TABLE
3-6: Flash Memory Programming SFRs
Symbol Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
Reset
Value
MSB
LSB
SFCF
SuperFlash
Configuration
B1H
-
IAPEN
-
-
-
-
SWR BSEL
x0xxxx00b
SFCM
SuperFlash
Command
B2H
FIE
FCM[6:0]
00H
SFAL
SuperFlash
Address Low
B3H
SuperFlash Low Order Byte Address Register - A7 to A0 (SFAL)
00H
SFAH
SuperFlash
Address High
B4H
SuperFlash High Order Byte Address Register - A15 to A8 (SFAH)
00H
SFDT
SuperFlash
Data
B5H
SuperFlash Data Register
00H
SFST
SuperFlash
Status
B6H
SB1_i
SB2_i
SB3_i
-
EDC_i
FLASH_BUSY
-
-
000x00xxb
T3-6.0 1255


Número de pieza similar - SST89E52RD2-40-I-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-QJE1 SST-SST89E52RD2-40-I-QJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-QJF2 SST-SST89E52RD2-40-I-QJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-QJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com