Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-TQJ Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-33-I-TQJ Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-TQJ Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQJ Datasheet HTML 30Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
26
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
WDTD
Initial/Reload value in Watchdog Timer. New value won’t be effective until WDT is set.
Symbol
Function
CF
PCA Counter Overflow Flag
Set by hardware when the counter rolls over. CF flags an interrupt if bit ECF in CMOD
is set. CF may be set by either hardware or software, but can only cleared by software.
CR
PCA Counter Run control bit
Set by software to turn the PCA counter on. Must be cleared by software to turn the
PCA counter off.
-
Not implemented, reserved for future use.
Note: User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
CCF4
PCA Module 4 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
CCF3
PCA Module 3 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
CCF2
PCA Module 2 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
CCF1
PCA Module 1 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
CCF0
PCA Module 0 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
Watchdog Timer Data/Reload Register (WDTD)
Location
76543210
Reset Value
85H
Watchdog Timer Data/Reload
00H
PCA Timer/Counter Control Register1 (CCON)
1. Bit addressable
Location
76543210
Reset Value
D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
00x00000b


Número de pieza similar - SST89V52RD2-33-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-TQJ SST-SST89V52RD2-33-I-TQJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQJ SST-SST89V52RD2-33-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQJE SST-SST89V52RD2-33-I-TQJE Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQJE SST-SST89V52RD2-33-I-TQJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQJE1 SST-SST89V52RD2-33-I-TQJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V52RD2-33-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com