Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-TQJ Datasheet(PDF) 63 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-TQJ Datasheet(HTML) 63 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-TQJ Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 67Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
63
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
14.0 ELECTRICAL SPECIFICATION
Note: This specification contains preliminary information on new products in production.
Specifications are subject to change without notice.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Ambient Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on EA# Pin to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +14.0V
D.C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20ns) on Any Other Pin to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD+1.0V
Maximum IOL per I/O Pins P1.5, P1.6, P1.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum IOL per I/O for All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W
Through Hole Lead Soldering Temperature (10 Seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Solder Reflow Temperature1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
1. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest information.
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
(Based on package heat transfer limitations, not device power consumption.
TABLE
14-1: Operating Range
Symbol
Description
Min.
Max
Unit
TA
Ambient Temperature Under Bias
Standard
0
+70
°C
Industrial
-40
+85
°C
VDD
Supply Voltage
SST89E5xRD2/RD
4.5
5.5
V
SST89V5xRD2/RD
2.7
3.6
V
fOSC
Oscillator Frequency
SST89E5xRD2/RD
0
40
MHz
SST89V5xRD2/RD
0
33
MHz
Oscillator Frequency for IAP
SST89E5xRD2/RD
.25
40
MHz
SST89V5xRD2/RD
.25
33
MHz
T14-1.0 1255


Número de pieza similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE SST-SST89E52RD2-40-I-TQJE Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE SST-SST89E52RD2-40-I-TQJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE1 SST-SST89E52RD2-40-I-TQJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com