Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SST89E52RD2-40-I-TQJ Datasheet(PDF) 76 Page - Silicon Storage Technology, Inc |
|
SST89E52RD2-40-I-TQJ Datasheet(HTML) 76 Page - Silicon Storage Technology, Inc |
76 / 81 page 76 Data Sheet FlashFlex51 MCU SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD ©2006 Silicon Storage Technology, Inc. S71255-05-000 5/06 15.0 PRODUCT ORDERING INFORMATION Device Speed Suffix1 Suffix2 SST89x5xRDx -XX -X -X X X Package Attribute E1 = non-Pb F2 = non-Pb, non-Sn Package Modifier I = 40 pins J = 44 pins Package Type P = PDIP N = PLCC Q = WQFN TQ = TQFP Operation Temperature C = Commercial = 0°C to +70°C I = Industrial = -40°C to +85°C Operating Frequency 33 = 0-33MHz 40 = 0-40MHz Feature Attribute 2 = Port 4 present Feature Set and Flash Memory Size 52RD = C52 feature set + 8(16) KByte 54RD = C52 feature set + 16(32) KByte 58RD = C52 feature set + 32(40) KByte Note: Number in parenthesis includes an additional 8 KByte flash which can be enabled. Voltage Range E = 4.5-5.5V V = 2.7-3.6V Product Series 89 = C51 Core 1. Environmental suffix “E” denotes non-Pb solder. SST non-Pb solder devices are “RoHS Compliant”. 2. Environmental suffix “F” denotes non-Pb/non-SN solder. SST non-Pb/non-Sn solder devices are “RoHS Compliant”. |
Número de pieza similar - SST89E52RD2-40-I-TQJ |
|
Descripción similar - SST89E52RD2-40-I-TQJ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |