Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C512-10N3TR Datasheet(PDF) 9 Page - STMicroelectronics |
|
M27C512-10N3TR Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 22 page 9/22 M27C512 MAXIMUM RATING Stressing the device outside the ratings listed in Table 4. may cause permanent damage to the de- vice. These are stress ratings only, and operation of the device at these, or any other conditions out- side those indicated in the Operating sections of this specification, is not implied. Exposure to Ab- solute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 4. Absolute Maximum Ratings Note: 1. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assermbly), the ST ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU. 2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range. Symbol Parameter Value Unit TA Ambient Operating Temperature (3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C TLEAD Lead Temperature during Soldering (note 1) °C VIO (2) Input or Output Voltage (except A9) –2 to 7 V VCC Supply Voltage –2 to 7 V VA9 (2) A9 Voltage –2 to 13.5 V VPP Program Supply Voltage –2 to 14 V |
Número de pieza similar - M27C512-10N3TR |
|
Descripción similar - M27C512-10N3TR |