Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

93-21SUBC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

No. de pieza 93-21SUBC
Descripción Electrónicos  High Performance SMD LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21SUBC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  93-21SUBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 4 of 10
Device No. : DSE-931-070
Prepared date:23.Sep.2005
Prepared by: Teresa Lee
93-21SUBC/S400-XX/TR8
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
Min.
Typ.
Max.
Unit
Condition
A4
50
68
-----
A5
63
83
-----
A6
76
110
-----
X8
102
162
-----
Luminous Intensity
Iv
X9
120
187
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
-----
130
-----
deg
IF=20mA
Peak Wavelength
λp
-----
-----
468
-----
nm
IF=20mA
Dominant Wavelength
λd
-----
-----
470
-----
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
-----
-----
35
-----
nm
IF=20mA
Forward Voltage
VF
-----
-----
3.5
4.3
V
IF=20mA
Reverse Current
IR
-----
-----
-----
50
μA
VR=5V
*93-21SUBC/S400-XX/TR8
Chip Rank


Número de pieza similar - 93-21SUBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Everlight Electronics Co., Ltd
Everlight Electronics C...
93-21SUGC-S400-A4-TR8 EVERLIGHT-93-21SUGC-S400-A4-TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SUGC/S400-A4/TR8 EVERLIGHT-93-21SUGC/S400-A4/TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC EVERLIGHT-93-21SURC Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC/S530-XX/TR8 EVERLIGHT-93-21SURC/S530-XX/TR8 Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
More results

Descripción similar - 93-21SUBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Everlight Electronics Co., Ltd
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com