Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDD60 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

No. de pieza SDD60
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD60 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  SDD60 Datasheet HTML 1Page - Sirectifier Semiconductors SDD60 Datasheet HTML 2Page - Sirectifier Semiconductors SDD60 Datasheet HTML 3Page - Sirectifier Semiconductors SDD60 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SDD60
Diode-Diode Modules
Fig. 5 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
Fig. 6 Transient thermal impedance
junction to case (per diode)
Fig. 7 Transient thermal impedance
junction to heatsink (per diode)
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.79
180
oC
0.81
120
oC
0.83
60
oC
0.86
30
oC
0.90
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.012
0.0012
2
0.045
0.095
3
0.533
0.455
4
0.2
0.495
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.59
180
oC
0.61
120
oC
0.63
60
oC
0.66
30
oC
0.70
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.012
0.0012
2
0.045
0.095
3
0.533
0.455
3 x SDD60


Número de pieza similar - SDD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Solid State Optronic
Solid State Optronic
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
   Low input power consumption
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD60N08B SIRECTIFIER-SDD60N08B Datasheet
317Kb / 4P
   Diode-Diode Modules
SDD60N12B SIRECTIFIER-SDD60N12B Datasheet
317Kb / 4P
   Diode-Diode Modules
More results

Descripción similar - SDD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
AEGIS SEMICONDUTORES LTDA
AEGIS SEMICONDUTORES LT...
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
List of Unclassifed Manufacturers
List of Unclassifed Man...
CDD120 ETC-CDD120 Datasheet
319Kb / 4P
   Diode-Diode Modules
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1  2  3  4 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz