Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDD60 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

No. de pieza SDD60
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD60 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SDD60 Datasheet HTML 1Page - Sirectifier Semiconductors SDD60 Datasheet HTML 2Page - Sirectifier Semiconductors SDD60 Datasheet HTML 3Page - Sirectifier Semiconductors SDD60 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDD60
Diode-Diode Modules
Type
SDD60N08
SDD60N12
SDD60N14
SDD60N16
SDD60N18
VRRM
V
800
1200
1400
1600
1800
VRSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TVJ=TVJM
TC=100
oC; 180o sine
100
60
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1150
1300
1000
1200
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
6600
7000
5000
5950
A
2s
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
oC
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M5)
Terminal connection torque (M5)
_
2.5-4/22-35
2.5-4/22-35
Nm/lb.in.
Weight
90
g
i
2dt
Typical including screws


Número de pieza similar - SDD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Solid State Optronic
Solid State Optronic
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
   Low input power consumption
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD60N08B SIRECTIFIER-SDD60N08B Datasheet
317Kb / 4P
   Diode-Diode Modules
SDD60N12B SIRECTIFIER-SDD60N12B Datasheet
317Kb / 4P
   Diode-Diode Modules
More results

Descripción similar - SDD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
AEGIS SEMICONDUTORES LTDA
AEGIS SEMICONDUTORES LT...
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
List of Unclassifed Manufacturers
List of Unclassifed Man...
CDD120 ETC-CDD120 Datasheet
319Kb / 4P
   Diode-Diode Modules
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1  2  3  4 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz