Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDD36N08 Datasheet(PDF) 2 Page - Sirectifier Semiconductors |
|
SDD36N08 Datasheet(HTML) 2 Page - Sirectifier Semiconductors |
2 / 4 page SDD36 Diode-Diode Modules ADVANTAGES * Space and weight savings * Simple mounting * Improved temperature and power cycling * Reduced protection circuits APPLICATIONS * Supplies for DC power equipment * DC supply for PWM inverter * Field supply for DC motors * Battery DC power supplies Symbol Test Conditions Characteristic Values Unit V VF IF=80A; TVJ=25 oC 1.38 VTO For power-loss calculations only 0.8 V rT 6.1 m IR TVJ=TVJM; VR=VRRM 10 mA TVJ=TVJM per diode; DC current per module RthJC 1.0 0.5 K/W per diode; DC current per module RthJK 1.2 0.6 K/W dS Creepage distance on surface 12.7 mm dA Strike distance through air 9.6 mm a Maximum allowable acceleration 50 m/s 2 uC QS TVJ=125 oC; IF=25A; -di/dt=0.6A/us 50 IRM 6 A FEATURES * International standard package * Copper base plate * Planar passivated chips * Isolation voltage 3600 V~ |
Número de pieza similar - SDD36N08 |
|
Descripción similar - SDD36N08 |