Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDD100N18 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

No. de pieza SDD100N18
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD100N18 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SDD100N18 Datasheet HTML 1Page - Sirectifier Semiconductors SDD100N18 Datasheet HTML 2Page - Sirectifier Semiconductors SDD100N18 Datasheet HTML 3Page - Sirectifier Semiconductors SDD100N18 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDD100
Diode-Diode Modules
ADVANTAGES
* Space and weight savings
* Simple mounting
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* Supplies for DC power equipment
* DC supply for PWM inverter
* Field supply for DC motors
* Battery DC power supplies
Symbol
Test Conditions
Characteristic Values
Unit
V
VF
IF=300A; TVJ=25
oC
1.6
VTO
For power-loss calculations only
0.8
V
rT
2.3
m
IR
TVJ=TVJM; VR=VRRM
15
mA
TVJ=TVJM
per diode; DC current
per module
RthJC
0.35
0.175
K/W
per diode; DC current
per module
RthJK
0.55
0.275
K/W
dS
Creepage distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s
2
uC
QS
TVJ=125
oC; IF=50A; -di/dt=3A/us
170
IRM
45
A
FEATURES
* International standard package
* Planar passivated chips
* Isolation voltage 3600 V~
* Copper base plate


Número de pieza similar - SDD100N18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDD100N18 ETC2-SDD100N18 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD100N18B SIRECTIFIER-SDD100N18B Datasheet
326Kb / 4P
   Diode-Diode Modules
More results

Descripción similar - SDD100N18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:250DD.XX AEGIS-A3L:250DD.XX Datasheet
272Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD120 SIRECTIFIER-SDD120 Datasheet
1,014Kb / 4P
   Diode-Diode Modules
SDD60NXXB SIRECTIFIER-SDD60NXXB Datasheet
317Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com