Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79927YZUR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS79927YZUR
Descripción Electrónicos  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS79927YZUR Datasheet(HTML) 1 Page - Texas Instruments

  TPS79927YZUR Datasheet HTML 1Page - Texas Instruments TPS79927YZUR Datasheet HTML 2Page - Texas Instruments TPS79927YZUR Datasheet HTML 3Page - Texas Instruments TPS79927YZUR Datasheet HTML 4Page - Texas Instruments TPS79927YZUR Datasheet HTML 5Page - Texas Instruments TPS79927YZUR Datasheet HTML 6Page - Texas Instruments TPS79927YZUR Datasheet HTML 7Page - Texas Instruments TPS79927YZUR Datasheet HTML 8Page - Texas Instruments TPS79927YZUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
IN
N/C
EN
6
5
4
OUT
NR
GND
1
2
3
GND
TPS799xxDRV
2mm x 2mm SON−6
(TOP VIEW)
IN
N/C
EN
6
5
4
OUT
FB
GND
1
2
3
TPS79901DRV
2mm x 2mm SON−6
(TOP VIEW)
GND
TPS799xxDDC
TSOT23−5
(TOP VIEW)
OUT
NR
IN
GND
EN
1
2
3
5
4
TPS799xxYZU
WCSP
(TOP VIEW)
C3
C1
B2
A3
A1
OUT
EN
IN
GND
NR
TPS79901YZU
WCSP
(TOP VIEW)
OUT
EN
IN
GND
FB
C3
C1
B2
A3
A1
TPS79901DDC
TSOT23−5
(TOP VIEW)
OUT
FB
IN
GND
EN
1
2
3
5
4
TPS799xx
SBVS056E – JANUARY 2005 – REVISED OCTOBER 2005
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR
Low Dropout Linear Regulator
Cellular Phones
200mA Low Dropout Regulator with EN
Wireless LAN, Bluetooth™
Low IQ: 40µA
VCOs, RF
Available in Multiple Output Voltage Versions:
Handheld Organizers, PDAs
– Fixed Outputs of 1.2V, 1.5V, 1.6V, 1.8V, 1.9V,
2.5V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.2V, and
3.3V
The
TPS799xx
family
of
low-dropout
(LDO)
– Adjustable Outputs from 1.2V to 6.5V
low-power
linear
regulators
offer
excellent
AC
– Additional Outputs Available Using
performance with very low ground current. High
Innovative Factory EEPROM Programming
power-supply rejection ratio (PSRR), low noise, fast
High PSRR: 66dB at 1kHz
start-up,
and
excellent
line
and
load
transient
response are provided while consuming a very low
Ultra-low Noise: 29.5µVRMS
40µA (typical) ground current. The TPS799xx is
Fast Start-Up Time: 45µs
stable with ceramic capacitors and uses an advanced
Stable with a Low-ESR, 2.0µF Typical Output
BiCMOS fabrication process to yield dropout voltage
Capacitance
typically 110mV at 200mA output. The TPS799xx
uses a precision voltage reference and feedback loop
Excellent Load/Line Transient Response
to achieve overall accuracy of 2% over all load, line,
2% Overall Accuracy (Load/Line/Temp)
process, and temperature variations. It
is
fully
Very Low Dropout: 100mV
specified from TJ = -40°C to +125°C and is offered in
low profile ThinSOT23, Wafer Chip-Scale (WCSP),
ThinSOT-23, WCSP, and 2mm x 2mm SON-6
and 2mm x 2mm SON packages, ideal for wireless
Packages
handsets and WLAN cards.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS79927YZUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79927YZUR TI-TPS79927YZUR Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79927YZUR TI-TPS79927YZUR Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79927YZUR TI-TPS79927YZUR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79927YZUR TI-TPS79927YZUR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Descripción similar - TPS79927YZUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com