Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSAC70GK20 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

No. de pieza SSAC70GK20
Descripción Electrónicos  Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SSAC70GK20 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SSAC70GK20 Datasheet HTML 1Page - Sirectifier Semiconductors SSAC70GK20 Datasheet HTML 2Page - Sirectifier Semiconductors SSAC70GK20 Datasheet HTML 3Page - Sirectifier Semiconductors SSAC70GK20 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSAC70
Symbol
Test Conditions
Characteristic Values
Unit
V
VT, VF
IT, IF=320A; TVJ=25
oC
1.65
VTO
For power-loss calculations only (TVJ=125
oC)
0.85
V
rT
3.2
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25
oC; VD=6V; RGK=
200
mA
TVJ=25
oC; tp=10us; VD=6V
IG=0.45A; diG/dt=0.45A/us
450
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.3
0.15
K/W
per thyristor/diode; DC current
per module
RthJK
0.5
0.25
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s
2
IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
tgd
2
us
TVJ=TVJM; IT=150A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=20V/us; VD=2/3VDRM
tq
185
us
uC
QS
TVJ=TVJM; IT, IF=50A; -di/dt=6A/us
170
IRM
45
A
ADVANTAGES
* Space and weight savings
* Simple mounting with two screws
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* DC motor control
* Softstart AC motor controller
* Light, heat and temperature
control
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
FEATURES
* International standard package
* Copper Base Plate with Inter-DCB
* Planar passivated chips
* Isolation voltage 3600 V~


Número de pieza similar - SSAC70GK20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SSAC70GK20 SIRECTIFIER-SSAC70GK20 Datasheet
151Kb / 4P
   Solid State AC Switch
More results

Descripción similar - SSAC70GK20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SSAC27 SIRECTIFIER-SSAC27 Datasheet
548Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18 SIRECTIFIER-SSAC18 Datasheet
595Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC90 SIRECTIFIER-SSAC90 Datasheet
453Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC49 SIRECTIFIER-SSAC49 Datasheet
545Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC116 SIRECTIFIER-SSAC116 Datasheet
553Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100 SIRECTIFIER-SSAC100 Datasheet
912Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC60 SIRECTIFIER-SSAC60 Datasheet
544Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
List of Unclassifed Man...
SSAC18 ETC1-SSAC18 Datasheet
591Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
Nell Semiconductor Co.,...
NK100KQ NELLSEMI-NK100KQ Datasheet
825Kb / 5P
   Anti-parallel Thyristor Module
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com